Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2988-INE3 Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS2988-INE3
Description  Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2988-INE3 Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS2988-INE3 Datasheet HTML 2Page - Gennum Corporation GS2988-INE3 Datasheet HTML 3Page - Gennum Corporation GS2988-INE3 Datasheet HTML 4Page - Gennum Corporation GS2988-INE3 Datasheet HTML 5Page - Gennum Corporation GS2988-INE3 Datasheet HTML 6Page - Gennum Corporation GS2988-INE3 Datasheet HTML 7Page - Gennum Corporation GS2988-INE3 Datasheet HTML 8Page - Gennum Corporation GS2988-INE3 Datasheet HTML 9Page - Gennum Corporation GS2988-INE3 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
GS2988 Dual-Slew-Rate, Cable Driver with 3Gb/s
Capability
Data Sheet
52131 - 4
December 2010
6 of 17
2.2 DC Electrical Characteristics
Table 2-1: DC Electrical Characteristics
VCC = 3.3V ±5% or 2.5V ±5%; TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage
VCC
3.3V Typical
3.135
3.3
3.465
V
2.5V Typical
2.375
2.5
2.625
V
Power Consumption
(2.5V)
PD
SDO/SDO enabled
110
130
mW
1
SDO/SDO disabled
3
5
mW
1
Power Consumption
(3.3V)
SDO/SDO enabled
155
183
mW
1
SDO/SDO disabled
4
6
mW
1
Supply Current
IS
VCC = 3.3V
47
53
mA
1
VCC = 2.5V
44
50
mA
1
Power-down
1
1.8
mA
1
Output Voltage
VCMOUT
Common mode
VTERM - VOUT
–V
Input Voltage
VCMIN
Common mode
1.4 + ΔVDDI/2
VCC - ΔVDDI/2
V
SD/HD, DISABLE,
EQ_EN Input
VIH
IIH <= 150μA1.7
V
VIL
IIL <= 150μA–
0.8
V
OSP Drive Strength
2
mA
NOTES:
1. Power consumed in GS2988 only. Termination resistors draw extra current.


Similar Part No. - GS2988-INE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2988-INE3 SEMTECH-GS2988-INE3 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
More results

Similar Description - GS2988-INE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com