Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1042917 Datasheet(PDF) 2 Page - SICK AG

Part # 1042917
Description  MEASURING AUTOMATION LIGHT GRIDS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1042917 Datasheet(HTML) 2 Page - SICK AG

  1042917 Datasheet HTML 1Page - SICK AG 1042917 Datasheet HTML 2Page - SICK AG 1042917 Datasheet HTML 3Page - SICK AG 1042917 Datasheet HTML 4Page - SICK AG 1042917 Datasheet HTML 5Page - SICK AG 1042917 Datasheet HTML 6Page - SICK AG 1042917 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG2-1640I812 | MLG
MEASURING AUTOMATION LIGHT GRIDS
2
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-01-29 09:44:08
Subject to change without notice
Ordering information
Type
Part no.
MLG2-1640I812
1042917
Other models and accessories
www.sick.de/MLG
Detailed technical data
Features
Technology
Sender/receiver
Minimum detectable object (MDO)
Parallel beam, 25 mm 1)
Beam separation
20 mm
Number of beams
≥ 83
Detection height
1,640 mm
Configuration
Parameterization interface (measuring)
1) MDO min. detectable object.
Performance
Maximum range
7 m 1)
Minimum range
Parallel beam: ≥ 0 mm
Working range
5 m
Response time
Parallel beam ≥ 13.45 ms 2)
1) No reserve for environmental issue and deterioration of the diode.
2) With resistive load.
Interfaces
Switching output
1 x PNP
Inputs
1 x PNP
Connection type
Male connector M12, 8-pin
Data interface
RS-485
Fieldbus, industrial network
-
Type of fieldbus integration
-
Mechanics/electronics
Wave length
Infrared light, 880 nm
Supply voltage Vs
DC 18 V ... 30 V 1)
Power consumption sender
≥ 306 mA 2)
Power consumption receiver
≥ 349 mA 2)
Ripple
< 5 Vpp
1) Without load.
2) Without load with 24 V.
3) Typical value.


Similar Part No. - 1042917

ManufacturerPart #DatasheetDescription
logo
SICK AG
1042916 SICK-1042916 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results

Similar Description - 1042917

ManufacturerPart #DatasheetDescription
logo
SICK AG
MLG1-0140A812 SICK-MLG1-0140A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-0140F412 SICK-MLG1-0140F412 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG02A-0745B13201 SICK-MLG02A-0745B13201 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG05A-0445B10501 SICK-MLG05A-0445B10501 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-1940F812 SICK-MLG1-1940F812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I812 SICK-MLG1-2390I812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I822 SICK-MLG1-2390I822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0140F212 SICK-MLG2-0140F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0440F822 SICK-MLG2-0440F822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0580A812 SICK-MLG2-0580A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-1640F212 SICK-MLG2-1640F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com