Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB04N60S5 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPB04N60S5
Description  Cool MOS??Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB04N60S5 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SPB04N60S5 Datasheet HTML 3Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 4Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 5Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 6Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 7Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 8Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 9Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 10Page - Infineon Technologies AG SPB04N60S5 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2004-03-30
Rev. 2.1
Page 7
SPP04N60S5
SPB04N60S5
9 Typ. gate charge
VGS = f (QGate)
parameter: ID = 4.5 A pulsed
0
4
8
12
16
20
nC
26
QGate
0
2
4
6
8
10
12
V
16
SPP04N60S5
0.2 V
DS max
0.8 V
DS max
10 Forward characteristics of body diode
IF = f (VSD)
parameter: Tj , tp = 10 µs
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
-2
10
-1
10
0
10
1
10
A
SPP04N60S5
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)
11 Avalanche SOA
IAR = f (tAR)
par.: Tj ≤ 150 °C
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
4
µs
tAR
0
0.5
1
1.5
2
2.5
3
3.5
4
A
5
Tj(START)=25°C
Tj(START)=125°C
12 Avalanche energy
EAS = f (Tj)
par.: ID = 3.4 A, VDD = 50 V
20
40
60
80
100
120
°C
160
Tj
0
20
40
60
80
100
120
mJ
160


Similar Part No. - SPB04N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB04N60S5 INFINEON-SPB04N60S5 Datasheet
366Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
logo
Inchange Semiconductor ...
SPB04N60S5 ISC-SPB04N60S5 Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPB04N60S5 VBSEMI-SPB04N60S5 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Infineon Technologies A...
SPB04N60S5 INFINEON-SPB04N60S5_07 Datasheet
366Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
More results

Similar Description - SPB04N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com