Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI08N50C3 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SPI08N50C3
Description  Cool MOS??Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI08N50C3 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SPI08N50C3 Datasheet HTML 5Page - Infineon Technologies AG SPI08N50C3 Datasheet HTML 6Page - Infineon Technologies AG SPI08N50C3 Datasheet HTML 7Page - Infineon Technologies AG SPI08N50C3 Datasheet HTML 8Page - Infineon Technologies AG SPI08N50C3 Datasheet HTML 9Page - Infineon Technologies AG SPI08N50C3 Datasheet HTML 10Page - Infineon Technologies AG SPI08N50C3 Datasheet HTML 11Page - Infineon Technologies AG SPI08N50C3 Datasheet HTML 12Page - Infineon Technologies AG SPI08N50C3 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
2003-06-27
Page 9
SPP08N50C3, SPI08N50C3
SPA08N50C3
Final data
17 Avalanche power losses
PAR = f (f )
parameter: EAR=0.5mJ
10
4
10
5
10
6
MHz
f
0
100
200
300
W
500
18 Typ. capacitances
C = f (VDS)
parameter: VGS=0V, f=1 MHz
0
100
200
300
V
500
VDS
0
10
1
10
2
10
3
10
4
10
pF
Ciss
Coss
Crss
19 Typ. Coss stored energy
Eoss=f(VDS)
0
100
200
300
V
500
VDS
0
0.5
1
1.5
2
2.5
3
µJ
4


Similar Part No. - SPI08N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI08N50C3 INFINEON-SPI08N50C3 Datasheet
732Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.91 2009-11-27
logo
Inchange Semiconductor ...
SPI08N50C3 ISC-SPI08N50C3 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SPI08N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com