Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R463F310050M1M Datasheet(PDF) 1 Page - Kemet Corporation

Part # R463F310050M1M
Description  Capacitor, film, 0.1 uF, /-20% Tol, -40/110C, Safety: X2, 310 VAC, Lead Spacing=10 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R463F310050M1M Datasheet(HTML) 1 Page - Kemet Corporation

  R463F310050M1M Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/04/2015 - 3e75b57b-ced8-41b3-a085-d24bdceec48b
KEMET Part Number: R463F310050M1M
Capacitor, film, 0.1 uF, +/-20% Tol, -40/+110C, Safety: X2, 310 VAC, Lead Spacing=10 mm
Dimensions (mm)
Symbol
Dimension
Tolerance
L
13
+0.2
H
12
+0.1
T
6
+0.2
S
10
+/-0.4
LL
25
+2/-1
F
0.6
+/-0.05
Notes:
-L,H,T are nominal dimensions and do not imply a minimum.
General Information
Supplier: KEMET
Dielectric: Metallized Polypropylene
Application: Safety: X2
Style: Radial Box
Lead Form: Wire Leads
Approvals: ENEC,UL,cUL,CQC
RoHS: Yes
Specifications
Capacitance: 0.1 uF
Voltage: 630 VDC
Tolerance: +/-20%
Voltage AC: 310 VAC
Rated Temperature: 110C
Temperature Range: -40/+110C
Dissipation Factor @ 1 kHz: 0.1%
Insulation Resistance: 100 GOhm
Maximum dVdT: 500 v/us
Packaging Specifications
Package Kind: Bulk
Package Quantity: 1200
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R463F310050M1M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R463F310000M1M KEMET-R463F310000M1M Datasheet
48Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.1 uF, 20%, 630 V, 310 V, 110C, Lead Spacing = 10mm
R463F310040M1M KEMET-R463F310040M1M Datasheet
58Kb / 1P
   R46_310, Film, Metallized Polypropylene, Safety, 0.1 uF, 20%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 10mm
R463F3100DQM1M KEMET-R463F3100DQM1M Datasheet
248Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
More results

Similar Description - R463F310050M1M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KF310040P1M KEMET-R46KF310040P1M Datasheet
55Kb / 1P
   Capacitor, film, 0.1 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=10 mm
R463F247050N0K KEMET-R463F247050N0K Datasheet
55Kb / 1P
   Capacitor, film, 0.047 uF, /-10% Tol, -40/110C, Safety: X2, 310 VAC, Lead Spacing=10 mm
R463F222050N0K KEMET-R463F222050N0K Datasheet
56Kb / 1P
   Capacitor, film, 0.022 uF, /-10% Tol, -40/110C, Safety: X2, 310 VAC, Lead Spacing=10 mm
R463F210050N0K KEMET-R463F210050N0K Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-10% Tol, -40/110C, Safety: X2, 310 VAC, Lead Spacing=10 mm
R463N410050N2M KEMET-R463N410050N2M Datasheet
55Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/110C, Safety: X2, 310 VAC, Lead Spacing=22.5 mm
R463I333050N0K KEMET-R463I333050N0K Datasheet
55Kb / 1P
   Capacitor, film, 0.33 uF, /-10% Tol, -40/110C, Safety: X2, 310 VAC, Lead Spacing=15 mm
R463I32205002K KEMET-R463I32205002K Datasheet
56Kb / 1P
   Capacitor, film, 0.22 uF, /-10% Tol, -40/110C, Safety: X2, 310 VAC, Lead Spacing=15 mm
R463I33305002K KEMET-R463I33305002K Datasheet
56Kb / 1P
   Capacitor, film, 0.33 uF, /-10% Tol, -40/110C, Safety: X2, 310 VAC, Lead Spacing=15 mm
R463I33305001K KEMET-R463I33305001K Datasheet
55Kb / 1P
   Capacitor, film, 0.33 uF, /-10% Tol, -40/110C, Safety: X2, 310 VAC, Lead Spacing=15 mm
R463W468050M2K KEMET-R463W468050M2K Datasheet
56Kb / 1P
   Capacitor, film, 6.8 uF, /-10% Tol, -40/110C, Safety: X2, 310 VAC, Lead Spacing=37.5 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com