Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB20N60C3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPB20N60C3
Description  Cool MOS Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB20N60C3 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SPB20N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPB20N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPB20N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPB20N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPB20N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPB20N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPB20N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPB20N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPB20N60C3 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2003-10-08
Page 6
SPP20N60C3, SPB20N60C3
SPI20N60C3, SPA20N60C3
Final data
5 Transient thermal impedance
ZthJC = f (tp)
parameter: D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-4
10
-3
10
-2
10
-1
10
0
10
K/W
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
single pulse
6 Transient thermal impedance FullPAK
ZthJC = f (tp)
parameter: D = tp/t
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
1
s
tp
-3
10
-2
10
-1
10
0
10
1
10
K/W
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
single pulse
7 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 10 µs, VGS
0
5
10
15
V
25
VDS
0
10
20
30
40
50
60
A
80
4,5V
5V
5,5V
6V
6,5V
7V
20V
10V
8V
8 Typ. output characteristic
ID = f (VDS); Tj=150°C
parameter: tp = 10 µs, VGS
0
2
4
6
8 10 12 14 16 18 20 22
V 25
VDS
0
5
10
15
20
25
30
35
A
45
4.5V
5V
5.5V
6V
20V
10V
7V


Similar Part No. - SPB20N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB20N60C3 INFINEON-SPB20N60C3 Datasheet
1Mb / 13P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.6 2009-11-09
SPB20N60C3 INFINEON-SPB20N60C3 Datasheet
788Kb / 12P
   Cool MOS Power Transistor
2011-11-20 revision:2.7
logo
Inchange Semiconductor ...
SPB20N60C3 ISC-SPB20N60C3 Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPB20N60C3 INFINEON-SPB20N60C3_09 Datasheet
1Mb / 13P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.6 2009-11-09
SPB20N60C3 INFINEON-SPB20N60C3_11 Datasheet
788Kb / 12P
   Cool MOS Power Transistor
2011-11-20 revision:2.7
More results

Similar Description - SPB20N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com