Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC286 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC286
Description  Dual Channel 4A Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC286 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC286 Datasheet HTML 6Page - Semtech Corporation SC286 Datasheet HTML 7Page - Semtech Corporation SC286 Datasheet HTML 8Page - Semtech Corporation SC286 Datasheet HTML 9Page - Semtech Corporation SC286 Datasheet HTML 10Page - Semtech Corporation SC286 Datasheet HTML 11Page - Semtech Corporation SC286 Datasheet HTML 12Page - Semtech Corporation SC286 Datasheet HTML 13Page - Semtech Corporation SC286 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SC286
Typical Characteristics (continued)
Circuit Conditions: C
IN = 22µF/6.3V, COUT = 2 x 22µF/6.3V, CSS = 10nF. Unless otherwise noted, L = 1.0µH (TOKO: FDV0530S-1R0), each device
Start Up into Pre-Biased Output (V
OUT=1.5V)
Time (500ns/div)
s/div)
/div)
V
OUT (1V/div)
V
CTLx (5V/div)
I
OUT (5V/div)
PGOOD (5V/div)
Start Up into Pre-Biased Output (V
OUT=3.3V)
Time (500ns/div)
s/div)
/div)
V
OUT (2V/div)
V
CTLx (5V/div)
I
OUT (5V/div)
PGOOD (5V/div)
Start Up (CTL
X) — No Load
Time (500µs/div)
s/div)
/div)
V
OUT (2V/div)
V
CTLx (5V/div)
I
OUT (5A/div)
PGOOD (5V/div)
V
IN = 5V, = IOUT = 0; VOUT = 3.3V
Time (500µs/div)
s/div)
/div)
V
OUT (2V/div)
V
CTLx (5V/div)
I
OUT (5A/div)
PGOOD (5V/div)
V
IN = 5V, = IOUT = 0; VOUT = 3.3V
Start Up (CTL
X) — Full Load
Start Up into Output Short Circuit
Time (500ns/div)
s/div)
/div)
V
SS (1V/div)
LX (5V/div)
I
LX (2A/div)
V
OUT (500mV/div)
V
IN = 5V
10


Similar Part No. - SC286

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC28-1 ETC2-SC28-1 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
SC28-2 ETC2-SC28-2 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
SC28-3 ETC2-SC28-3 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
SC28-4 ETC2-SC28-4 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
SC28-4SCATV ETC2-SC28-4SCATV Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
More results

Similar Description - SC286

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
   4A Synchronous Step-Down Regulator
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
   4A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2107 MPS-MP2107 Datasheet
432Kb / 14P
   4A, 6V Synchronous Step-Down Switching Regulator
logo
Analog Devices
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
   Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
logo
Microsemi Corporation
LX7180A MICROSEMI-LX7180A Datasheet
581Kb / 25P
   4A Step-Down Regulator
June 2015 Rev. 1.2
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com