Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4541ULTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4541ULTRT
Description  High Frequency LED Driver with Integrated Schottky and Simple Interconnect
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4541ULTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4541ULTRT Datasheet HTML 3Page - Semtech Corporation SC4541ULTRT Datasheet HTML 4Page - Semtech Corporation SC4541ULTRT Datasheet HTML 5Page - Semtech Corporation SC4541ULTRT Datasheet HTML 6Page - Semtech Corporation SC4541ULTRT Datasheet HTML 7Page - Semtech Corporation SC4541ULTRT Datasheet HTML 8Page - Semtech Corporation SC4541ULTRT Datasheet HTML 9Page - Semtech Corporation SC4541ULTRT Datasheet HTML 10Page - Semtech Corporation SC4541ULTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SC4541
7
Typical Characteristics (continued)
300Hz PWM Dimming, 0.1% Duty Cycle
Start-up — by V
IN
Time (2mS/div)
Start up By Vin
Test condition: 5Vin, LEDs=6S1P, R1=10Ω
ΩΩ
Ω
, SC4541(1120)
SW
IL
VOUT
VIN
IL
(0.2A/div)
VSW
(10V/div)
VOUT
(5V/div)
VIN
(2.5V/div)
Shut Down
Time (5mS/div)
IL
(0.2A/div)
VSW
(10V/div)
VOUT
(5V/div)
VIN
(2.5V/div)
Start-up — by PWM
Time (0.1S/div)
PWM
(3V/div)
IL
(0.3A/div)
VSW
(10V/div)
VOUT
(5V/div)
Main Power Switching
Time (0.5μS/div)
IL
(0.2A/div)
VSW
(5V/div)
VOUT
(50mV/div)
VIN
(1V/div)
5VIN to 12VIN
VIN Fluctuation — Rising
Time (2μS/div)
VSW
(10V/div)
VOUT
(1V/div)
VIN
(5V/div)
12VIN to 5VIN
VIN Fluctuation — Falling
Time (20μS/div)
VSW
(10V/div)
VOUT
(1V/div)
VIN
(5V/div)
Conditions: 5V
IN, 20mA ,6 LEDs in series, CIN/COUT=1µF, L=10µH
Shutdown By Vin
Test condition: 5Vin, LEDs=6S1P, R1=10Ω
ΩΩ
Ω
, SC4541(1120)
SW
IL
VOUT
VIN
Start up By PWM
Test condition: 5Vin, LEDs=6S1P, R1=10Ω
ΩΩ
Ω
,
SC4541(1120), PWM Dimming 300Hz, 0.1% duty.
SW
IL
VOUT
EN
VIN Fluctuation - Rising
VOUT
SW
VIN
Test condition: 5Vin to 12Vin, LEDs=6S1P,
R1=10Ω
ΩΩ
Ω
, SC4541(1120)
Mail Power Switching
Test condition: 5Vin, LEDs=6S1P, R1=10Ω, SC4541(1120)
SW
IL
VOUT
VIN
VIN Fluctuation - Falling
Test condition: 5Vin to 12Vin, LEDs=6S1P,
R1=10Ω
ΩΩ
Ω
, SC4541(1120)
VOUT
SW
VIN
It’s fine under 25°°°°C ambient temperature.


Similar Part No. - SC4541ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC454 SEMTECH-SC454 Datasheet
63Kb / 1P
   Single-Phase Single Chip IMVP-6/6 Vcore Power Supply
SC454 SEMTECH-SC454 Datasheet
41Kb / 1P
   Single-Phase Single Chip IMVP-6/6 Vcore Power Supply
SC4540 SEMTECH-SC4540 Datasheet
282Kb / 15P
   High Effi ciency Boost Converter for up to 10 LEDs
SC4540EVB SEMTECH-SC4540EVB Datasheet
282Kb / 15P
   High Effi ciency Boost Converter for up to 10 LEDs
SC4540ULTRT SEMTECH-SC4540ULTRT Datasheet
282Kb / 15P
   High Effi ciency Boost Converter for up to 10 LEDs
More results

Similar Description - SC4541ULTRT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
   White LED Driver with Integrated Schottky
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-1 LINER-LT3519-1_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
   LED Driver with Integrated Schottky Diode
LT3491 LINER-LT3491_15 Datasheet
273Kb / 16P
   White LED Driver with Integrated Schottky in SC70
logo
Texas Instruments
TPS92560 TI1-TPS92560 Datasheet
817Kb / 23P
[Old version datasheet]   Simple Led Driver
logo
Linear Technology
LT3498 LINER-LT3498 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
logo
Maxim Integrated Produc...
MAX16834 MAXIM-MAX16834 Datasheet
183Kb / 23P
   High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 2; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com