Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4808AIMSTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4808AIMSTRT
Description  High Performance Dual Ended PWM Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808AIMSTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4808AIMSTRT Datasheet HTML 4Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 5Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 6Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 7Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 8Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 9Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 10Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 11Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
 2005 Semtech Corp.
www.semtech.com
SC4808A/B
POWER MANAGEMENT
SC4808A Typical Characteristics (Cont.)
Vcc UVLO Hysteresis vs. Temperature
Line UVLO vs. Temperature
Line UVLO Hysteresis vs. Temperature
Oscillator Frequency vs. Temperature
Synchronization Frequency vs. Temperature
Maximum Duty Cycle vs. Temperature
49.0
49.0
49.1
49.1
49.2
49.2
49.3
49.3
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Maximum Duty Cycle
400
500
600
700
800
900
1000
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Sync. Frequency @ Fosc = 500kHz
200
400
600
800
1000
1200
1400
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Oscillator Frequency 1MHz
Oscillator Frequency 500kHz
4.985
4.990
4.995
5.000
5.005
5.010
5.015
5.020
5.025
5.030
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
LUVLO (Rising)
290
295
300
305
310
315
320
325
330
335
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
LUVLO (Hysteresis)
3.00
3.20
3.40
3.60
3.80
4.00
4.20
4.40
4.60
4.80
5.00
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Vcc UVLO
(Hysteresis)


Similar Part No. - SC4808AIMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808AIMSTRT SEMTECH-SC4808AIMSTRT Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
More results

Similar Description - SC4808AIMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808C SEMTECH-SC4808C Datasheet
381Kb / 24P
   High Performance Dual Ended PWM Controller
SC4808B-1 SEMTECH-SC4808B-1 Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2_09 Datasheet
802Kb / 28P
   High Performance Dual Ended PWM Controller
logo
IXYS Corporation
IXMS150PSI IXYS-IXMS150PSI Datasheet
464Kb / 10P
   High Performance Dual PWM Microstepping Controller
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
   High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
   High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
   High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
   High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com