Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS31023 Datasheet(PDF) 6 Page - Semtech Corporation

Part # TS31023
Description  High Input Voltage Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS31023 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button TS31023 Datasheet HTML 2Page - Semtech Corporation TS31023 Datasheet HTML 3Page - Semtech Corporation TS31023 Datasheet HTML 4Page - Semtech Corporation TS31023 Datasheet HTML 5Page - Semtech Corporation TS31023 Datasheet HTML 6Page - Semtech Corporation TS31023 Datasheet HTML 7Page - Semtech Corporation TS31023 Datasheet HTML 8Page - Semtech Corporation TS31023 Datasheet HTML 9Page - Semtech Corporation TS31023 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TS31023/223
Final Datasheet
Rev 1.1
March 19, 2015
www.semtech.com
6 of 15
Semtech
Proprietary & Confidential
Package Mechanical Drawings (all dimensions in mm)
Units
Millimeters
Dimensions Limits
MIN
NOM
MAX
Number of Pins
N
8
Pitch
e
0.50 BSC
Overall Height
A
0.80
0.90
1.00
Standoff
A1
0.00
0.02
0.05
Contact Thickness
A3
0.20 REF
Overall Length
D
2.00 BSC
Exposed Pad Width
E2
0.75
0.90
1.00
Overall Width
E
2.00 BSC
Exposed Pad Length
D2
1.55
1.70
1.80
Contact Width
b
0.18
0.25
0.30
Contact Length
L
0.20
0.30
0.40
Contact-to-Exposed Pad
K
0.20
-
-


Similar Part No. - TS31023

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
More results

Similar Description - TS31023

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
TS31223 ETC2-TS31223 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
logo
Texas Instruments
TPS7A4001 TI1-TPS7A4001 Datasheet
569Kb / 17P
[Old version datasheet]   100V Input Voltage, 50mA, Very High Voltage LINEAR REGULATOR
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
601Kb / 11P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
LR12 SUTEX-LR12_13 Datasheet
1Mb / 10P
   High Input Voltage, Adjustable 3-Terminal Linear Regulator
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715 Datasheet
510Kb / 24P
   High input voltage, 85 mA LDO linear regulator
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
   High input voltage - 85 mA LDO linear regulator
logo
Supertex, Inc
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com