Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS30111-M025 Datasheet(PDF) 11 Page - Semtech Corporation

Part # TS30111-M025
Description  High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS30111-M025 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button TS30111-M025 Datasheet HTML 7Page - Semtech Corporation TS30111-M025 Datasheet HTML 8Page - Semtech Corporation TS30111-M025 Datasheet HTML 9Page - Semtech Corporation TS30111-M025 Datasheet HTML 10Page - Semtech Corporation TS30111-M025 Datasheet HTML 11Page - Semtech Corporation TS30111-M025 Datasheet HTML 12Page - Semtech Corporation TS30111-M025 Datasheet HTML 13Page - Semtech Corporation TS30111-M025 Datasheet HTML 14Page - Semtech Corporation TS30111-M025 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TS30111
Final Datasheet
Rev 1.0
June 2, 2015
www.semtech.com
11 of 21
Semtech
12
TS30111
Version 1.0
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright
© 2012, Triune Systems, LLC
Figure 12. Efficiency vs. Output Current ( VOUT = 5V)
Figure 13. Efficiency vs. Input Voltage (VOUT = 3.3V)
TYPICAL PERFORMANCE CHARACTERISTICS
4.0 
4.5 
5.0 
5.5 
6.0 
6.5 
7.0 
-­‐50 
50 
100 
150 
Iout=300mA  
Iout=30mA 
3.280 
3.285 
3.290 
3.295 
3.300 
3.305 
3.310 
-­‐50 
50 
100 
150 
0.95 
0.97 
0.99 
1.01 
1.03 
1.05 
-­‐50 
50 
100 
150 
4.00 
4.50 
5.00 
5.50 
6.00 
-­‐50 
50 
100 
150 
1.84 
1.86 
1.88 
1.9 
1.92 
1.94 
1.96 
1.98 
-­‐50 
50 
100 
150 
Temperature (°C)
Temperature (°C)
Temperature (°C)
Temperature (°C)
Temperature (°C)
Typical Performance Characteristics
VCC = 12V, C
OUT = 2 x 22uF (unless otherwise noted)
Figure 14. Standby Current vs. Input Voltage
Figure 16. Output Voltage vs. Temperature
Figure 18. Quiescent Current vs. Temperature (No load)
Figure 15. Standby Current vs. Temperature
Figure 17. Oscillator Frequency vs. Temperature (I
OUT=300mA)
Figure 19. Input Current vs. Temperature (No load, No switching)


Similar Part No. - TS30111-M025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Similar Description - TS30111-M025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
List of Unclassifed Man...
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
logo
SiGe Semiconductor, Inc...
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
   1MHz 3A Buck DC/DC Switch Mode Regulator
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com