Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS51111 Datasheet(PDF) 9 Page - Semtech Corporation

Part # TS51111
Description  High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51111 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button TS51111 Datasheet HTML 5Page - Semtech Corporation TS51111 Datasheet HTML 6Page - Semtech Corporation TS51111 Datasheet HTML 7Page - Semtech Corporation TS51111 Datasheet HTML 8Page - Semtech Corporation TS51111 Datasheet HTML 9Page - Semtech Corporation TS51111 Datasheet HTML 10Page - Semtech Corporation TS51111 Datasheet HTML 11Page - Semtech Corporation TS51111 Datasheet HTML 12Page - Semtech Corporation TS51111 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TS51111
Final Datasheet
Rev 2.2
April 17, 2015
www.semtech.com
9 of 22
Semtech
Proprietary & Confidential
Electrical Characteristics, T
J = -40C to 85C, PDC = PACKP = 4.2V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VAC Detect
V
OH
Output high voltage
Totem-pole configuration only.
100uA load.
VCORE-
100mV
V
V
OL
Output low voltage
Totem-pole or open-drain
configurations. 100uA load.
100
mV
I
OFF
Output leakage
Output leakage in open-drain
off-state.
0.1
uA
R
dson,VAC_DETECT
Switch Resistance
Output resistance to GND in
open-drain on-state.
10
Ω
VREF
CVREF
VREF decoupling capacitor
80
100
120
nF
VVREF
VREF voltage
T = 0 to 85 C, IOUT 0mA to 2mA
1.988
2.0
2.012
V
RPDC-DIV
PDC_DIV ratio
T = 0 to 85 C, PDC_DIV_SEL = 0
0.048
0.05
0.052
V/V
T = 0 to 85 C, PDC_DIV_SEL = 1
0.198
0.2
0.202
V/V
RPACKP-DIV
PACKP_DIV ratio
T = 0 to 85 C
0.198
0.2
0.202
V/V
RUSB-DIV
USB_DIV ratio
T = 0 to 85 C
0.198
0.2
0.202
V/V
RTHERM-DIV
THERM_DIV ratio
T = 0 to 85 C
0.495
0.5
0.505
V/V
IQ,VREF
VREF quiescent current
PACKP current if VREF enabled
300
uA
TEN-VREF
VREF enable time
Delay from EN_VREF to VREF
available
3.2
us
MOD
T
MOD-ON
EN_MOD to switches
ON delay
3
us
T
MOD-OFF
EN_MOD to switches
OFF delay
0.7
us
I
Q,MOD
MOD block quiescent current
Current from PACKP when MOD
switches closed. EN_MOD hi. EN_
VREF = EN_SE = EN_PRE = lo
100
uA
R
dson,MOD
MOD Switch Resistance
MOD1 to MOD2
3
Ω
Low Power LDO
VCORE
NOM
VCORE voltage
PACKP = 4.2V
3.3
V
V
Dropout
Dropout voltage
PACKP = 2.3V, IVCORE=1mA
100
mV
I
out
Output current
PACKP=4.2V, VCORE = 0.9*VCORE
NOM
10
50
mA
C
CORE
LDO Decoupling Capacitor
0.8
1
1.2
uF
OVP
VOVP
OVP Threshold
21
V
Rdson,OVP
OVP Switch Resistance
2
Ω


Similar Part No. - TS51111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51111 ETC2-TS51111 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS51111 ETC2-TS51111 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
TS51111 ETC2-TS51111 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS51111-M22QFNR SEMTECH-TS51111-M22QFNR Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
More results

Similar Description - TS51111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
Semtech Corporation
TSDMRX-5W-EVM SEMTECH-TSDMRX-5W-EVM Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51221 SEMTECH-TS51221 Datasheet
1Mb / 18P
   High Efficiency Regulator IC for Wireless Power Receiver Applications
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
   Wireless Charging System Receiver IC for Low Power Applications
RAA458100GNP RENESAS-RAA458100GNP Datasheet
366Kb / 24P
   Wireless Charging System Transmitter IC for Low Power Applications
logo
Infineon Technologies A...
WLC1515 INFINEON-WLC1515 Datasheet
628Kb / 44P
   Wireless charging IC (WLC) 15-W transmitter for automotive applications
Rev. A 2023-05-18
logo
Renesas Technology Corp
P9243-GB RENESAS-P9243-GB Datasheet
1Mb / 41P
   Wireless Power Transmitter for Smartphones with Fast Charging Modes and 15W Applications
July 7, 2020
P9241-G RENESAS-P9241-G Datasheet
1Mb / 40P
   Wireless Power Transmitter for Smartphones with Fast Charging Modes for 5W, 7.5W, and 10W Applications
March 8, 2019
logo
List of Unclassifed Man...
XKT-412 ETC-XKT-412 Datasheet
910Kb / 9P
   Wireless Power Transfer/Charging
logo
Texas Instruments
BQ500100 TI1-BQ500100 Datasheet
332Kb / 18P
[Old version datasheet]   High-Side Current Sensor for Wireless Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com