Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS61001 Datasheet(PDF) 6 Page - Semtech Corporation

Part # TS61001
Description  Full-bridge FET Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS61001 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button TS61001 Datasheet HTML 2Page - Semtech Corporation TS61001 Datasheet HTML 3Page - Semtech Corporation TS61001 Datasheet HTML 4Page - Semtech Corporation TS61001 Datasheet HTML 5Page - Semtech Corporation TS61001 Datasheet HTML 6Page - Semtech Corporation TS61001 Datasheet HTML 7Page - Semtech Corporation TS61001 Datasheet HTML 8Page - Semtech Corporation TS61001 Datasheet HTML 9Page - Semtech Corporation TS61001 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TS61001
Final Datasheet
Rev 1.2
March 19, 2015
www.semtech.com
6 of 10
Semtech
Proprietary & Confidential
Electrical Characteristics
Electrical Characteristics, T
J = -40C to 125C, VCC = 12V (unless otherwise noted)
Symbol
Parameter
Condition
Min Typ Max Unit
VCC Supply Voltage
VCCG / VCC
Input Supply Voltage
5
8
12.5
V
Iq
Input Supply current
/SLEEP = Hi; No loads; Gate drivers off
0.5
1.5
3
mA
Iq
Input Supply current
/SLEEP = Hi; Gate driver Fs = 200KHz (no load)
4
5
mA
Iqq_sleep
Stand by current
/SLEEP = 0V; Inputs driven Low
3
10
uA
Ron Characteristics
Ron (pulldown)
HS,LS pull down device
VCCG/VCC = 12V
1.4
2
Ron (pullup)
HS, LS pull up device
VCCG/VCC = 12V
4.0
6.5
Under Voltage Lock Out
UVLO (rise)
UV threshold (VCCG)
Rising threshold measurement
4.1
4.35
4.5
V
UVLO (fall)
UV threshold (VCCG)
Falling threshold measurement
3.8
4
4.3
V
UVLO (hyst)
UV hysteresis (VCCG)
Hysteresis
0.15
0.25
V
UVLO (rise)
UV threshold (VCC)
Rising threshold measurement
4.1
4.35
4.5
V
UVLO (fall)
UV threshold (VCC)
Falling threshold measurement
3.8
4
4.3
V
UVLO (hyst)
UV hysteresis (VCC)
Hysteresis
0.15
0.25
V
Input Pins VIH & VIL
VIH
Digital Input Pins
Gate driver inputs, I2C
1.5
2.2
V
VIL
Digital Input Pins
Gate driver inputs, I2C
0.8
1.3
V
Hyst
Digital Input Pins
Gate driver inputs, I2C
0.1
0.2
V
Propagation Delays & Rise/Fall times
T
PLShl
Prop delay (LS) high to low
LSxON to LO1 (11V)
15
50
nS
T
PLSlh
Prop delay (LS) low to high
LSxON to LO1(1V)
15
50
nS
T
PHShl
Prop delay (HS) high to low
HSxON to HOx (HOx – VSx = 10V)
25
50
nS
T
PHSlh
Prop delay (HS) low to high
HSxON to HOx (HOx – VSx = 1V)
25
50
nS
T
PMMlshs
Prop delay mismatch (ls to hs)
LS off to HS on mismatch
10
40
nS
T
PMMhsls
Prop delay mismatch (hs to ls)
HS off to LS on mismatch
10
40
nS
T
PWmin
Minimum pulse width response
80
nS
T
r
Rise time (HS/LS)
1nF load; 20 – 80%
20
nS
T
p
Fall time (HS/LS)
1nF load; 80 – 20%
20
nS
V3P3 Regulator
V
out
Nominal Output voltage
3.15
3.3
3.45
V
I
out
External loading
Output Current capability
10
15
mA
Comparator
V
offset
Comparator Offset
-10
0
10
mV
V
CMin
Input Common Mode Range
0.2
1.8
V
T
comp
Comparator detection time
Input signal of 10mV
40
80
nS


Similar Part No. - TS61001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
TS61001 ETC2-TS61001 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
More results

Similar Description - TS61001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
logo
Semtech Corporation
TS61002 SEMTECH-TS61002 Datasheet
1Mb / 11P
   Full-bridge FET Driver
TSDMTX-5V-EVM SEMTECH-TSDMTX-5V-EVM Datasheet
475Kb / 10P
   Full-bridge FET Driver
logo
Intersil Corporation
HS-4080ARH INTERSIL-HS-4080ARH Datasheet
82Kb / 4P
   Radiation Hardened Full Bridge N-Channel FET Driver
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
   FULL BRIDGE DRIVER
logo
Intersil Corporation
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
ISL83204A RENESAS-ISL83204A Datasheet
638Kb / 15P
   60V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com