Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80000 Datasheet(PDF) 8 Page - Semtech Corporation

Part # TS80000
Description  High Efficiency Transmitter Controller for Wireless Power Systems
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS80000 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button TS80000 Datasheet HTML 4Page - Semtech Corporation TS80000 Datasheet HTML 5Page - Semtech Corporation TS80000 Datasheet HTML 6Page - Semtech Corporation TS80000 Datasheet HTML 7Page - Semtech Corporation TS80000 Datasheet HTML 8Page - Semtech Corporation TS80000 Datasheet HTML 9Page - Semtech Corporation TS80000 Datasheet HTML 10Page - Semtech Corporation TS80000 Datasheet HTML 11Page - Semtech Corporation TS80000 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
SC80000
Final Datasheet
Rev 1.4
March 17, 2015
www.semtech.com
8 of 37
Semtech
Proprietary & Confidential
Internal Registers
Addresss
Name
Type
Access Mode (bits) Description
General Registers
0x00
BOOTFW_REV_L
R
8 / 16
Bootloader Firmware Revision (L)
0x01
BOOTFW_REV_H
R
8 / 16
Bootloader Firmware Revision (H)
0x02
FW_REV_L
R
8 / 16
Firmware Revision (L)
0x03
FW_REV_H
R
8 / 16
Firmware Revision (H)
0x04
MODE_L
R
8 / 16
Operating Mode (L)
0x05
MODE_H
R
8 / 16
Operating Mode (H)
0x06
RESET_L
R/W
8 / 16
Reset Register (L)
0x07
RESET_H
R/W
8 / 16
Reset Register (H)
0x08
STATUS0
R
8
Status0 Register
0x09
STATUS1
R
8
Status1 Register
0x0A
STATUS2
R
8
Status2 Register
0x0B
STATUS3
R
8
Status3 Register
0x0C
RESERVED
Bootloader Mode
0x0D
BLOCK_SIZE
R
8
Block Size
0x0E
FW_SIZE_L
R
8 / 16
Firmware Size (L)
0x0F
FW_SIZE_H
R
8 / 16
Firmware Size (H)
0x10
CONFIG_SIZE_L
R
8 / 16
Configuration Size (L)
0x11
CONFIG_SIZE_H
R
8 / 16
Configuration Size (H)
0x12
CALIBRATION_SIZE_L
R
8 / 16
Calibration Size (L)
0x13
CALIBRATION_SIZE_H
R
8 / 16
Calibration Size (H)
0x14
FW_FLAGS_L
R
8 / 16
Firmware Flags (L)
0x15
FW_FLAGS_H
R
8 / 16
Firmware Flags (H)
0x16-0x7F
RESERVED
Transmitter Mode
0x0D
CHANNEL_COUNT
R
8
Channel Count
0x0E
CHANNEL_SELECT
R/W
8
Channel Selection Register
0x0F
COIL_COUNT
R
8
Coil Count
0x10
FREQ_MIN_LIMIT_L
R/W
16
Limit for the Minimum Frequency (L)
0x11
FREQ_MIN_LIMIT_H
R/W
16
Limit for the Minimum Frequency (H)
0x12
FREQ_MAX_LIMIT_L
R/W
16
Limit for the Maximum Frequency (L)
0x13
FREQ_MAX_LIMIT_H
R/W
16
Limit for the Maximum Frequency (H)
0x14
DC_CURRENT_LIMIT_L
R/W
16
DC Current Limit (L)
0x15
DC_CURRENT_LIMIT_H
R/W
16
DC Current Limit (H)
0x16
AC_VOLTAGE_LIMIT_L
R/W
16
AC Voltage Limit (L)
0x17
AC_VOLTAGE_LIMIT_H
R/W
16
AC Voltage Limit (H)
0x18
TEMP_COIL_LIMIT_L
R/W
16
Coil Temperature Limit (L)
0x19
TEMP_COIL_LIMIT_H
R/W
16
Coil Temperature Limit (H)
0x1A
TEMP_DIE_LIMIT_L
R/W
16
Die Temperature Limit (L)
0x1B
TEMP_DIE_LIMIT_H
R/W
16
Die Temperature Limit (H)
0x1C
FAN_TEMP_MIN
R/W
8
Minimum Temperature for Fan Control
0x1D
FAN_TEMP_MAX
R/W
8
Maximum Temperature for Fan Control
0x1E
FAN_DTC_MIN
R/W
8
Minimum Duty Cycle for Fan Control
0x1F
FAN_DTC_MAX
R/W
8
Maximum Duty Cycle for Fan Control
0x20
SUPPORTED_STANDARDS
R/W
8
Supported Standards
0x21
MAX_POWER_WPC
R/W
8
Maximum Power in WPC Mode
0x22
MAX_POWER_PMA
R/W
8
Maximum Power in PMA Mode
0x23
MAX_POWER_A4WP
R/W
8
Maximum Power in A4WP Mode
0x24-0x3F
RESERVED
0x40
ACTIVE_COIL
R
8
Active Coil
0x41
POWER_STATE_TX
R
8
Transmitter Power State
0x42
STANDARD
R
8
Wireless Power Standard
0x43
POWER_LEVEL
R
8
Power Level
0x44
FOD_TYPE
R
8
Foreign Object Detection Type


Similar Part No. - TS80000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
981Kb / 8P
   Full-bridge FET Driver
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
More results

Similar Description - TS80000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
logo
Semtech Corporation
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
   High-Efficiency Transmit Controller for Wireless Power Systems
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
NXP Semiconductors
WCT1101DS NXP-WCT1101DS Datasheet
2Mb / 35P
   Consumer Low Power Wireless Transmitter Controller
Rev. 1.0, 02/2014
logo
List of Unclassifed Man...
TX-F01 ETC2-TX-F01 Datasheet
269Kb / 5P
   Wireless Remote Controller/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com