Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS33000-M025QFNR Datasheet(PDF) 5 Page - Semtech Corporation

Part # TS33000-M025QFNR
Description  High Efficiency Synchronous DC/DC Buck Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS33000-M025QFNR Datasheet(HTML) 5 Page - Semtech Corporation

  TS33000-M025QFNR Datasheet HTML 1Page - Semtech Corporation TS33000-M025QFNR Datasheet HTML 2Page - Semtech Corporation TS33000-M025QFNR Datasheet HTML 3Page - Semtech Corporation TS33000-M025QFNR Datasheet HTML 4Page - Semtech Corporation TS33000-M025QFNR Datasheet HTML 5Page - Semtech Corporation TS33000-M025QFNR Datasheet HTML 6Page - Semtech Corporation TS33000-M025QFNR Datasheet HTML 7Page - Semtech Corporation TS33000-M025QFNR Datasheet HTML 8Page - Semtech Corporation TS33000-M025QFNR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TS33000
Final Datasheet
Rev 1.9
May 1, 2015
www.semtech.com
5 of 17
Semtech
Characteristics
Electrical characteristics, T
J = -40C to 125C, VCC = 12V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC Supply Voltage
VCC
Input Supply Voltage
2.0
5.5
V
I
CC-NORM
Quiescent current
Normal Mode
VCC = 3.3V, I
LOAD = 0A, VEN=3.3V,
nLP=3.3V
12
mA
I
CC-LPM
Quiescent current Low Power
PFM Mode
VCC = 3.3V, I
LOAD = 0A, VEN=3.3V,
nLP=0V
45
mA
I
CC-SHUTDOWN
Quiescent current
Shutdown Mod
VCC = 3.3V, EN=0V
0.1
uA
VCC Under Voltage Lockout
VCC
-UV
Input Supply Under Voltage
Threshold
VCC Increasing
1.9
2.0
V
VCC
-UV_HYST
Input Supply Under Voltage
Threshold Hysteresis
100
mV
OSC
f
OSC
Oscillator Frequency
2.0
2.25
2.5
MHz
PG Open Drain Output
t
PG
PG Release Timer
10
ms
I
OH-PG
High-Level Output Leakage
V
PG=5V VCC=5V
0.1
uA
V
OL-PG
Low-Level Output Voltage
I
PG = -0.3mA
0.01
V
EN/nLP Input Voltage Thresholds
V
IH-EN/nLP
High Level Input Voltage
VCC=2V to 5V
1.0
V
V
IL-EN/nLP
Low Level Input Voltage
VCC=2V to 5V
0.4
V
V
HYST-EN/nLP
Input Hysteresis
VCC=2V to 5V
100
mV
I
IN-EN
EN Input Leakage
V
EN=5V VCC=5V
0.1
uA
V
EN=0V VCC=5V
0.1
uA
nLP
PD
nLP Pulldown Resistor
Pulldown to GND
100
Thermal Shutdown
TSD
Thermal Shutdown Junction
Temperature
150
170
190
C
TSD
HYST
TSD Hysteresis
10
C


Similar Part No. - TS33000-M025QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
More results

Similar Description - TS33000-M025QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3418 BCDSEMI-AP3418 Datasheet
500Kb / 12P
   1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
   1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
ELMOS Semiconductor AG
E521.02 ELMOS-E521.02 Datasheet
1Mb / 82P
   High efficiency 5V DC/DC buck converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com