Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80000-QFNR Datasheet(PDF) 11 Page - Semtech Corporation

Part # TS80000-QFNR
Description  High Efficiency Transmitter Controller for Wireless Power Systems
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS80000-QFNR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button TS80000-QFNR Datasheet HTML 7Page - Semtech Corporation TS80000-QFNR Datasheet HTML 8Page - Semtech Corporation TS80000-QFNR Datasheet HTML 9Page - Semtech Corporation TS80000-QFNR Datasheet HTML 10Page - Semtech Corporation TS80000-QFNR Datasheet HTML 11Page - Semtech Corporation TS80000-QFNR Datasheet HTML 12Page - Semtech Corporation TS80000-QFNR Datasheet HTML 13Page - Semtech Corporation TS80000-QFNR Datasheet HTML 14Page - Semtech Corporation TS80000-QFNR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
TS80000
Final Datasheet
Rev 1.4
March 19, 2015
www.semtech.com
11 of 37
Semtech
Proprietary & Confidential
Status0 Register (STATUS0)
Address:
0x08
Reset value:
0xC0
Bit 7
CTS: Clear To Send
This bit indicates if a new read/write register access can be issued to the controller. This bit
is not reset by hardware when read.
0: The controller is busy processing a previous register access. New commands should not
be sent to the controller.
1: The controller can accept a new register access command over the communication
interface.
Bit 6
CTS_API: Clear to Send for API
This bit indicates if a new API call or API read request can be issued to the controller. This
bit is not reset by hardware when read.
0: The controller is busy processing a previous API call. New API calls should not be sent to
the controller.
1: The controller can accept a new API call over the communication interface.
Bit 5
CTS_IF: Clear To Send Event Interrupt Flag
0: No event is signaled for the CTS bit or the corresponding bit in the INTERRUPT_MASK0
register is cleared.
1: The CTS bit has been set and the corresponding bit in the INTERRUPT_MASK0 register is
set. Reset to 0 by hardware when the STATUS0 register is read.
Bit 4
CTS_API_IF: Clear to Send for API Event Interrupt Flag
0: No event is signaled for the CTS_API bit.
1: The CTS_API bit has been set and the corresponding bit in the INTERRUPT_MASK0
register is set. Reset to 0 by hardware when the STATUS0 register is read.
Bit 3
STATUS3_IF: STATUS1 Event Interrupt Flag
0: No event is signaled in the STATUS3 register or the corresponding bit in the INTERRUPT_
MASK0 register is cleared.
1: An event is signaled in the STATUS3 register and the corresponding bit in the
INTERRUPT_MASK3 register is set. Reset to 0 by hardware when the STATUS3 register is read.
Bit 2
STATUS2_IF: STATUS2 Event Interrupt Flag
0: No event is signaled in the STATUS2 register or the corresponding bit in the INTERRUPT_
MASK0 register is cleared.
1: An event is signaled in the STATUS2 register and the corresponding bit in the
INTERRUPT_MASK2 register is set. Reset to 0 by hardware when the STATUS2 register is read.
Bit 1
STATUS1_IF: STATUS1 Event Interrupt Flag
0: No event is signaled in the STATUS1 register or the corresponding bit in the INTERRUPT_
MASK0 register is cleared.
1: An event is signaled in the STATUS1 register and the corresponding bit in the
INTERRUPT_MASK1 register is set. Reset to 0 by hardware when the STATUS1 register is read.
Bit 0
Reserved


Similar Part No. - TS80000-QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
981Kb / 8P
   Full-bridge FET Driver
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
More results

Similar Description - TS80000-QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
logo
Semtech Corporation
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
   High-Efficiency Transmit Controller for Wireless Power Systems
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
NXP Semiconductors
WCT1101DS NXP-WCT1101DS Datasheet
2Mb / 35P
   Consumer Low Power Wireless Transmitter Controller
Rev. 1.0, 02/2014
logo
List of Unclassifed Man...
TX-F01 ETC2-TX-F01 Datasheet
269Kb / 5P
   Wireless Remote Controller/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com