Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS81001-QFNR Datasheet(PDF) 6 Page - Semtech Corporation

Part # TS81001-QFNR
Description  High Efficiency Receiver Controller for Wireless Power Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS81001-QFNR Datasheet(HTML) 6 Page - Semtech Corporation

Back Button TS81001-QFNR Datasheet HTML 2Page - Semtech Corporation TS81001-QFNR Datasheet HTML 3Page - Semtech Corporation TS81001-QFNR Datasheet HTML 4Page - Semtech Corporation TS81001-QFNR Datasheet HTML 5Page - Semtech Corporation TS81001-QFNR Datasheet HTML 6Page - Semtech Corporation TS81001-QFNR Datasheet HTML 7Page - Semtech Corporation TS81001-QFNR Datasheet HTML 8Page - Semtech Corporation TS81001-QFNR Datasheet HTML 9Page - Semtech Corporation TS81001-QFNR Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TS81001
Final Datasheet
Rev 1.2
June 2, 2015
www.semtech.com
6 of 16
Semtech
I2C
I2C Signal Pins
ALERT pin (GPIO pin) - optional:
Œ
Driven high when an event is active in the internal STATUS register
Œ
Driven low when all the internal events are cleared
Note: The ALERT pin is provided to help with I2C communication, i.e. to signal events to the EC so the EC can interrogate the TS8100x via I2C.
The use of the ALERT pin is not mandatory in the application.
SCL_TXD pin:
Œ
Clock pin for the I2C interface.
Œ
True open-drain. Needs external pull-ups.
SDA_RXD pin:
Œ
Data pin for the I2C interface.
Œ
True open-drain. Needs external pull-ups.
I2C Protocol
The TS81001 Wireless Power Receiver acts as an I2C slave peripheral to allow communication with an application microcontroller.
The slave address (7 bit) is 0x49. The Embedded Controller is an I2C master and initiates every data transfer.
The TS81001 implements a set of registers available from the I2C bus. It also implements a set of API functions that receive
parameters and return values using the I2C bus. Four transfer types are possible:
Write Register
Read Register
Run API Function
Read API Function Return Buffer
Write Register Operations
Description
START
Start of the I2C transfer
M[S
Slave Address (7 bits)
0 (1 bit) Slave ACK
Slave address + R/nW bit (0x92 as 8-bit).
M[S
Register n address (8 bits)
Slave ACK
Address of the first register.
M[S
Register n Data (8 bits)
Slave ACK
Write the first register.
M[S
Register n+1 Data (8 bits)
Slave ACK
Optionally write the following registers.
...
M[S
Register n+k Data (8 bits)
Slave ACK
STOP
Stop of the I2C transfer.


Similar Part No. - TS81001-QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
More results

Similar Description - TS81001-QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
   High-Efficiency Transmit Controller for Wireless Power Systems
TS80000 SEMTECH-TS80000 Datasheet
728Kb / 37P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
logo
Maxic Technology Corpor...
MT5715 MAXIC-MT5715 Datasheet
250Kb / 2P
   A High Efficiency Wireless Power Receiver
logo
Semtech Corporation
TS51221 SEMTECH-TS51221 Datasheet
1Mb / 18P
   High Efficiency Regulator IC for Wireless Power Receiver Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com