Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS81001-QFNR Datasheet(PDF) 1 Page - Semtech Corporation

Part # TS81001-QFNR
Description  High Efficiency Receiver Controller for Wireless Power Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS81001-QFNR Datasheet(HTML) 1 Page - Semtech Corporation

  TS81001-QFNR Datasheet HTML 1Page - Semtech Corporation TS81001-QFNR Datasheet HTML 2Page - Semtech Corporation TS81001-QFNR Datasheet HTML 3Page - Semtech Corporation TS81001-QFNR Datasheet HTML 4Page - Semtech Corporation TS81001-QFNR Datasheet HTML 5Page - Semtech Corporation TS81001-QFNR Datasheet HTML 6Page - Semtech Corporation TS81001-QFNR Datasheet HTML 7Page - Semtech Corporation TS81001-QFNR Datasheet HTML 8Page - Semtech Corporation TS81001-QFNR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TS81001
Final Datasheet
Rev 1.2
June 2, 2015
www.semtech.com
1 of 16
Semtech
TS81001
TRIUNE PRODUCTS
Features
Supports Qi®, PMA and proprietary charging applications
Dual-mode Qi + PMA functionality using a single LC reso-
nant circuit
Wireless power systems up to 40W+
Compatible with variable voltage, variable frequency and
variable duty cycle transmitters
Supports indirect (fixed voltage) and single/multi-cell
battery charging applications (>2.0V)
Integrated controller and FLASH for communications and
control
High precision data converter
Low external component count
Applications
Qi® , PMA and non-standard wireless chargers for:
Œ
Cell Phones and Smartphones
Œ
GPS Devices
Œ
Digital Cameras
Œ
Tablets and eReaders
Œ
Portable Lighting
Toys
Medical devices
Industrial devices Description
High Efficiency Receiver Controller
for Wireless Power Systems
Description
The TS81001 is a power receiver communications and control
unit for wireless charging applications. The TS81001 can
support systems up to 40W+, and supports Qi® compliant,
PMA compliant and proprietary applications.
The TS81001 performs the necessary coding of packets to
send commands to the transmitter to adjust the power level
accordingly.
Specification
RISC-based controller core with flash and SRAM memory
12-bit A/D converter
Two 16-bit timers
8-bit timer
Auto-wakeup and watchdog timers
8 configurable analog general purpose IOs
Charging LED output
I2C interface
20 pin 3x3 QFN
Typical Application Circuit


Similar Part No. - TS81001-QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
More results

Similar Description - TS81001-QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
   High-Efficiency Transmit Controller for Wireless Power Systems
TS80000 SEMTECH-TS80000 Datasheet
728Kb / 37P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
logo
Maxic Technology Corpor...
MT5715 MAXIC-MT5715 Datasheet
250Kb / 2P
   A High Efficiency Wireless Power Receiver
logo
Semtech Corporation
TS51221 SEMTECH-TS51221 Datasheet
1Mb / 18P
   High Efficiency Regulator IC for Wireless Power Receiver Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com