Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB80N06S2L-06 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPB80N06S2L-06
Description  OptiMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB80N06S2L-06 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPB80N06S2L-06 Datasheet HTML 1Page - Infineon Technologies AG SPB80N06S2L-06 Datasheet HTML 2Page - Infineon Technologies AG SPB80N06S2L-06 Datasheet HTML 3Page - Infineon Technologies AG SPB80N06S2L-06 Datasheet HTML 4Page - Infineon Technologies AG SPB80N06S2L-06 Datasheet HTML 5Page - Infineon Technologies AG SPB80N06S2L-06 Datasheet HTML 6Page - Infineon Technologies AG SPB80N06S2L-06 Datasheet HTML 7Page - Infineon Technologies AG SPB80N06S2L-06 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2003-05-09
Page 4
SPP80N06S2L-06
SPB80N06S2L-06
1 Power dissipation
Ptot = f (TC)
parameter: VGS≥ 4 V
0
20
40
60
80
100 120 140 160 °C 190
TC
0
20
40
60
80
100
120
140
160
180
200
220
240
W
280
SPP80N06S2L-06
2 Drain current
ID = f (TC)
parameter: VGS≥ 10 V
0
20
40
60
80
100 120 140 160
°C 190
TC
0
10
20
30
40
50
60
70
A
90
SPP80N06S2L-06
4 Max. transient thermal impedance
ZthJC = f (tp)
parameter : D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
K/W
SPP80N06S2L-06
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50
3 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TC = 25 °C
10
-1
10
0
10
1
10
2
V
VDS
0
10
1
10
2
10
3
10
A
SPP80N06S2L-06
1 ms
100 µs
t
p
= 27.0µs


Similar Part No. - SPB80N06S2L-06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB80N06S2L-05 INFINEON-SPB80N06S2L-05 Datasheet
415Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPB80N06S2L-07 INFINEON-SPB80N06S2L-07 Datasheet
308Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
logo
VBsemi Electronics Co.,...
SPB80N06S2L-07 VBSEMI-SPB80N06S2L-07 Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
logo
Infineon Technologies A...
SPB80N06S2L-09 INFINEON-SPB80N06S2L-09 Datasheet
311Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
logo
VBsemi Electronics Co.,...
SPB80N06S2L-09 VBSEMI-SPB80N06S2L-09 Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SPB80N06S2L-06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com