Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB100N04S2L-03 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPB100N04S2L-03
Description  OptiMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB100N04S2L-03 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPB100N04S2L-03 Datasheet HTML 1Page - Infineon Technologies AG SPB100N04S2L-03 Datasheet HTML 2Page - Infineon Technologies AG SPB100N04S2L-03 Datasheet HTML 3Page - Infineon Technologies AG SPB100N04S2L-03 Datasheet HTML 4Page - Infineon Technologies AG SPB100N04S2L-03 Datasheet HTML 5Page - Infineon Technologies AG SPB100N04S2L-03 Datasheet HTML 6Page - Infineon Technologies AG SPB100N04S2L-03 Datasheet HTML 7Page - Infineon Technologies AG SPB100N04S2L-03 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2003-05-08
Page 5
SPP100N04S2L-03
SPB100N04S2L-03
5 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 80 µs
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
VDS
0
20
40
60
80
100
120
140
160
180
200
A
240
SPP100N04S2L-03
V
GS
[V]
a
a
2.6
b
b
2.8
c
c
3.0
d
d
3.2
e
e
3.4
f
f
3.6
g
g
3.8
h
h
4.0
i
i
4.5
j
Ptot = 300W
j
10.0
6 Typ. drain-source on resistance
RDS(on) = f (ID)
parameter: VGS
0
20
40
60
80
100 120 140 160 A 190
ID
0
1
2
3
4
5
6
7
8
9
11
SPP100N04S2L-03
VGS [V] =
e
e
3.4
f
f
3.6
g
g
3.8
h
h
4.0
i
i
4.5
j
j
10.0
7 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 80 µs
0
0.5
1
1.5
2
2.5
3
V
4
VGS
0
20
40
60
80
100
120
140
160
A
200
8 Typ. forward transconductance
gfs = f(ID); Tj=25°C
parameter: gfs
0
20
40
60
80
100 120 140 160
A 200
ID
0
20
40
60
80
100
120
140
160
180
200
S
240


Similar Part No. - SPB100N04S2L-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB100N04S2-04 INFINEON-SPB100N04S2-04 Datasheet
311Kb / 8P
   OptiMOS Power-Transistor
2003-05-08
More results

Similar Description - SPB100N04S2L-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com