Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T540B107M004AH6610 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T540B107M004AH6610
Description  Capacitor, Tantalum, 100 uF, 3528, /-20% Tol, 4 VDC (85C), Failure Rate=A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T540B107M004AH6610 Datasheet(HTML) 1 Page - Kemet Corporation

  T540B107M004AH6610 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/02/2015 - b91d2029-8057-49c1-9b94-e3972b967d22
KEMET Part Number: T540B107M004AH6610
(04051-012A)
Capacitor, Tantalum, 100 uF, 3528, +/-20% Tol, 4 VDC (85C), Failure Rate=A
Dimensions (mm)
Symbol
Dimension
Tolerance
L
3.5
+/-0.2
W
2.8
+/-0.2
H
1.9
+/-0.1
F
2.2
+/-0.1
S
0.8
+/-0.3
B
0.4
+/-0.15
X
0.1
+/-0.1
P
0.5
REF
R
1
REF
T
0.13
REF
A
1.1
MIN
G
1.8
REF
E
2.2
REF
Notes:
-In polarity stripe, at KEMET's option, type may be indicated: no
symbol = Standard (or low leakage) MnO2 tantalum chip, O =
LowESR T494, R = Low ESR T495, F = Fused T496, HT = 150C
rated T498 (or B45196P, B45198P), H = 175C rated T499, M =
Multiple anode
General Information
Supplier: KEMET
Application: Military COTS/Low ESR
Sub Application: (NonCombustibleCathode)
Part Type Description: SMD, Polymer, Molded, COTS
Construction: Standard Chip-Polymer
Body Type: SMD Chip
Termination: Solder Coated
Footprint: 3528
Weight: 98.3 mg
RoHS: No
Specifications
Capacitance: 100 uF
Tolerance: +/-20%
Voltage: 4 VDC (85C)
Voltage: 2.68 VDC (125C)
Temperature Range: -55/+125C
Testing:
10 Cycles Surge Current Testing
At +25C +/-5C After Voltage
Aging
Current/Ripple Current: 1260 mA (100kHz 45C)
Resistance/ESR: 80 mOhms (100kHz 25C)
Failure Rate: A
Leakage Current: 40 uA
Dissipation Factor: 8%
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Quantity: 2000
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T540B107M004AH6610

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T540B336M010AH6610 KEMET-T540B336M010AH6610 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 33 uF, 3528, /-20% Tol, 10 VDC (85C), Failure Rate=A
T540B336M010AH6710 KEMET-T540B336M010AH6710 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T540_COTS, 33 uF, 20%, 10 V, 3528, SMD, Polymer, Molded, COTS, N/A, 80 mOhms, Height Max = 2mm
More results

Similar Description - T540B107M004AH6610

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T540B336M010AH6610 KEMET-T540B336M010AH6610 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 33 uF, 3528, /-20% Tol, 10 VDC (85C), Failure Rate=A
T541X107M020AH6510 KEMET-T541X107M020AH6510 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 100 uF, 7343, /-20% Tol, 20 VDC (85C), Failure Rate=A
T543B107M006ATW025 KEMET-T543B107M006ATW025 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 100 uF, 3528, /-20% Tol, 6.3 VDC (105C), Failure Rate=A
T540D107M016AH6710 KEMET-T540D107M016AH6710 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 100 uF, 7343, /-20% Tol, 16 VDC (85C), Failure Rate=A
T541X687M004AH6530 KEMET-T541X687M004AH6530 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 680 uF, 7343, /-20% Tol, 4 VDC (85C), Failure Rate=A
T543B476M006ATW025 KEMET-T543B476M006ATW025 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 47 uF, 3528, /-20% Tol, 6.3 VDC (105C), Failure Rate=A
T543B127M006ATE035 KEMET-T543B127M006ATE035 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 120 uF, 3528, /-20% Tol, 6.3 VDC (105C), Failure Rate=A
T543B476M010ATW070 KEMET-T543B476M010ATW070 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 47 uF, 3528, /-20% Tol, 10 VDC (105C), Failure Rate=A
T540D156M035AH6610 KEMET-T540D156M035AH6610 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 15 uF, 7343, /-20% Tol, 35 VDC (85C), Failure Rate=A
T541X156M063AH6710 KEMET-T541X156M063AH6710 Datasheet
82Kb / 1P
   Capacitor, Tantalum, 15 uF, 7343, /-20% Tol, 63 VDC (85C), Failure Rate=A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com