Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE7.5A Datasheet(PDF) 5 Page - Protek Devices

Part # 1.5KE7.5A
Description  1500 WATT TVS COMPONENT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

1.5KE7.5A Datasheet(HTML) 5 Page - Protek Devices

  1.5KE7.5A Datasheet HTML 1Page - Protek Devices 1.5KE7.5A Datasheet HTML 2Page - Protek Devices 1.5KE7.5A Datasheet HTML 3Page - Protek Devices 1.5KE7.5A Datasheet HTML 4Page - Protek Devices 1.5KE7.5A Datasheet HTML 5Page - Protek Devices 1.5KE7.5A Datasheet HTML 6Page - Protek Devices 1.5KE7.5A Datasheet HTML 7Page - Protek Devices 1.5KE7.5A Datasheet HTML 8Page - Protek Devices 1.5KE7.5A Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05458.R2 12/14
Page 5
1.5KE SERIES
TYPICAL DEVICE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(Notes 1-3)
REVERSE
STAND-OFF
VOLTAGE
V
RWM
VOLTS
BREAKDOWN
VOLTAGE
V
(BR) @ IT
VOLTS
TEST
CURRENT
@ I
T
mA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ I
P
V
C
VOLTS
MAXIMUM
REVERSE
SURGE
CURRENT
@I
PP
AMPS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@V
RWM
I
R
µA
MIN
MAX
1.5KE520
422.2
468.00
572.00
1
748.8
2.0
1
1.5KE520A
444.6
494.00
546.00
1
717.6
2.1
1
1.5KE550
446.6
495.00
605.00
1
792.0
1.9
1
1.5KE550A
470.3
522.50
577.50
1
759.0
2.0
1
1.5KE600
487.2
540.00
660.00
1
864.0
1.7
1
1.5KE600A
513.0
570.00
630.00
1
828.0
1.8
1
NOTE
1. Suffix ‘A’ denotes 5% tolerance, without ‘A’ denotes 10% tolerance.
2. Add suffix ‘C’ or ‘CA’ after part number to specify a bidrectional device.
3. For bidirectional devices having a V
RWM of 10 Volts and under, the IR limit is double.


Similar Part No. - 1.5KE7.5A

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
1.5KE7.5A SEMITECH-1.5KE7.5A Datasheet
180Kb / 5P
   Fast response time: typically less than 1 ns
logo
MIC GROUP RECTIFIERS
1.5KE7.5A MIC-1.5KE7.5A Datasheet
95Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
1.5KE7.5A NJSEMI-1.5KE7.5A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE7.5A NJSEMI-1.5KE7.5A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1.5KE7.5A TRSYS-1.5KE7.5A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE7.5A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
   1500 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
   200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
   5000 WATT TVS COMPONENT
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
   3000 WATT TVS COMPONENT
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
   3000 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_11 Datasheet
444Kb / 6P
   200 WATT TVS COMPONENT
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com