Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN11689 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # AN11689
Description  Recommendations for PCB assembly of DSN1006
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AN11689 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button AN11689 Datasheet HTML 3Page - NXP Semiconductors AN11689 Datasheet HTML 4Page - NXP Semiconductors AN11689 Datasheet HTML 5Page - NXP Semiconductors AN11689 Datasheet HTML 6Page - NXP Semiconductors AN11689 Datasheet HTML 7Page - NXP Semiconductors AN11689 Datasheet HTML 8Page - NXP Semiconductors AN11689 Datasheet HTML 9Page - NXP Semiconductors AN11689 Datasheet HTML 10Page - NXP Semiconductors AN11689 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AN11689
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Application note
Rev. 1 — 29 July 2015
7 of 18
NXP Semiconductors
AN11689
Recommendations for PCB assembly of DSN1006
3.2 Solder pad design for DSN1006 packages (SOD993, SOD995)
3.2.1 Recommended reflow solder footprints
Based on the small dimensions of 1006 (0402) devices and the given tolerances for PCB
manufacturing, it is recommended to use Non-Solder Mask Defined (NSMD) solder pads.
The DSN1006-2 (SOD993) solder footprint with dimensions and the solder footprint
together with the package outline are shown in Figure 6.
a. Reflow solder footprint
b. Reflow solder footprint and package outline
Fig 6.
Recommended solder footprint for DSN1006-2 (SOD993)
aaa-019077
0.6 mm
0.35
mm
0.3
mm
0.35
mm
1 mm
aaa-019078
0.6 mm
0.35
mm
0.3
mm
0.35
mm
0.5 mm
0.25
mm
0.25
mm
1 mm


Similar Part No. - AN11689

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN11641 NXP-AN11641 Datasheet
1Mb / 16P
   Relay replacement by NXP high-power bipolar transistors in LFPAK56
Rev. 1-21 May 2015
AN11675 PHILIPS-AN11675_15 Datasheet
431Kb / 50P
   GreenChip TEA1833(L)TS fixed frequency flyback controller
Rev. 1-20 July 2015
AN11695 PHILIPS-AN11695_15 Datasheet
419Kb / 29P
   NXQ1TXA5 one-chip 5 V Qi wireless transmitter
Rev. 1-3 August 2015
More results

Similar Description - AN11689

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4046 STMICROELECTRONICS-AN4046 Datasheet
908Kb / 9P
   recommendations for manual assembly on PCB
TN1163 STMICROELECTRONICS-TN1163 Datasheet
651Kb / 21P
   Description of WLCSP for microcontrollers and recommendations for use
TN0991 STMICROELECTRONICS-TN0991 Datasheet
727Kb / 21P
   Description of WLCSP for STMicroelectronics EEPROMs and recommendations for use
logo
Analog Devices
AN-0971 AD-AN-0971 Datasheet
439Kb / 20P
   Recommendations for Control of Radiated Emissions with isoPower Devices
REV. B
AN-1109 AD-AN-1109 Datasheet
645Kb / 20P
   Recommendations for Control of Radiated Emissions with iCoupler Devices
REV. 0
logo
STMicroelectronics
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
   package description and recommendations for use
TN1171 STMICROELECTRONICS-TN1171 Datasheet
580Kb / 26P
   Description of UFDFPN5, UFDFPN8 and WFDFPN8 for STMicroelectronics EEPROMs and recommendations for use
AN1235 STMICROELECTRONICS-AN1235 Datasheet
257Kb / 14P
   package description and recommendations for use
AN4208 STMICROELECTRONICS-AN4208 Datasheet
288Kb / 16P
   package description and recommendations for use
AN2027 STMICROELECTRONICS-AN2027 Datasheet
53Kb / 5P
   Mounting recommendations for ceramic DMOS packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com