Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0402F3 Datasheet(PDF) 4 Page - Protek Devices

Part # PF0402F3
Description  Fast acting chip fuses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PF0402F3 Datasheet(HTML) 4 Page - Protek Devices

  PF0402F3 Datasheet HTML 1Page - Protek Devices PF0402F3 Datasheet HTML 2Page - Protek Devices PF0402F3 Datasheet HTML 3Page - Protek Devices PF0402F3 Datasheet HTML 4Page - Protek Devices PF0402F3 Datasheet HTML 5Page - Protek Devices PF0402F3 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05419.R2 8/13
Page 4
PF0402F Series
Package outline anD PaD layout inFoRMation
1.0±0.10mm
0.52±0.05mm
0.35±0.05mm
0.25±0.10mm
1.0mm
0.5mm
0.6mm


Similar Part No. - PF0402F3

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
PF0410-100-JB RCD-PF0410-100-JB Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
PF0410-100-JBQ RCD-PF0410-100-JBQ Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
PF0410-100-JBW RCD-PF0410-100-JBW Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
PF0410-100-JT RCD-PF0410-100-JT Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
PF0410-100-JTQ RCD-PF0410-100-JTQ Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
More results

Similar Description - PF0402F3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
651855 MACOM-651855 Datasheet
337Kb / 6P
   Fast-Acting Chip Fuses
logo
Protek Devices
PF0603F PROTEC-PF0603F_15 Datasheet
475Kb / 6P
   FAST ACTING CHIP FUSES
PF1206F PROTEC-PF1206F_15 Datasheet
475Kb / 6P
   FAST ACTING CHIP FUSES
PF0603F PROTEC-PF0603F Datasheet
471Kb / 6P
   Fast acting chip fuses
PF1206F PROTEC-PF1206F Datasheet
472Kb / 6P
   Fast acting chip fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Cooper Bussmann, Inc.
TR0603FA2-R COOPER-TR0603FA2-R Datasheet
560Kb / 2P
   Chip??Fuses 0603FA Series, Fast-Acting
TR3216FF25-R COOPER-TR3216FF25-R Datasheet
335Kb / 2P
   Chip Fuses 3216FF Series, Fast-Acting
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
   Automotive Glass Fuses Fast-Acting Fast-Acting
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
   Fast Acting SMD Fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com