Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM3KW24A Datasheet(PDF) 2 Page - Protek Devices

Part # SM3KW24A
Description  3000 WATT TVS COMPONENT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM3KW24A Datasheet(HTML) 2 Page - Protek Devices

  SM3KW24A Datasheet HTML 1Page - Protek Devices SM3KW24A Datasheet HTML 2Page - Protek Devices SM3KW24A Datasheet HTML 3Page - Protek Devices SM3KW24A Datasheet HTML 4Page - Protek Devices SM3KW24A Datasheet HTML 5Page - Protek Devices SM3KW24A Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05332.R5 9/15
Page 2
SM3KW08A - SM3KW33CA
TYPICAL DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
3,000
Watts
Storage Temperature
T
STG
-55 to 150
°C
Operating Temperature
T
L
-55 to 150
°C
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
MARKING
CODE
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ 10/1000µs
V
C @ IPP
MIN
V
(BR)
VOLTS
@I
T
mA
SM3KW08A
3U08
8
8.8
1
50
13.6V @ 220A
SM3KW24A
3U24
24
26.7
1
3
43.0V @ 69.8A
SM3KW33A
3U33
33
36.7
1
3
56.3V @ 53.3A
SM3KW08CA
3B08
8
8.8
1
50
13.6V @ 220A
SM3KW24CA
3B24
24
26.7
1
3
43.0V @ 69.8A
SM3KW33CA
3B33
33
36.7
1
3
56.3V @ 53.3A
RTCA DO-160G COMPLIANT PRODUCT


Similar Part No. - SM3KW24A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
   3000 WATT TVS COMPONENT
More results

Similar Description - SM3KW24A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
   3000 WATT TVS COMPONENT
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
   3000 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
   200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
   5000 WATT TVS COMPONENT
1.5KE6.8 PROTEC-1.5KE6.8_14 Datasheet
327Kb / 10P
   1500 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_11 Datasheet
444Kb / 6P
   200 WATT TVS COMPONENT
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
   1500 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com