Electronic Components Datasheet Search |
|
SRF55V10P Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
SRF55V10P Datasheet(HTML) 3 Page - Infineon Technologies AG |
3 / 9 page my-d vicinity SRF 55V10P Short Product Information 3 / 9 2002-07-30 Intelligent 10–KBit EEPROM with Contactless Interface complying to ISO/IEC 15693 and Security Logic my-d vicinity – Plain Mode Operation Features • 10-KBit EEPROM — Organised in 128 pages located in 1 sector — Each page organised in 8 bytes for data storage + 2 bytes for administrative purposes — Configurable number of sectors (1 to 15) & sector size (1 up to 128 pages) — Service Area 4 pages — User Area 124 pages — Unique chip identification number • Smart Electronic Article Surveillance (EAS) — Easy Integration in existing infrastructure — On/Off EAS switch feature • Value Counters: up to 65536 units (with a value range from 0 to 216-1) — Each page in User Area configurable as a Counter — Support of Anti-Tearing • Physical Interface and Anticollision complying to ISO/IEC 15693 — Carrier frequency: 13.56 MHz — up to 26 kbit/s data rate transfer — Anticollision method complying with ISO/IEC 15693 with identification of up to 30 tags/sec — Contactless transmission of data and supply energy — Coupling distance from 0 to 120 cm (typical, dependent on antenna) • EEPROM updating (erase and program) time maximum 4 ms per page • EEPROM endurance minimum 10 5 write/erase cycles1) • Data retention for minimum of 10 years 1) • ESD protection typical 4 kV • Ambient temperature –25 … … … … +85°C for chip and MCC, –25 … … … … +70°C for Inlay 1) Values are temperature dependent |
Similar Part No. - SRF55V10P |
|
Similar Description - SRF55V10P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |