Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1775 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TC1775
Description  32-Bit Single-Chip Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1775 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TC1775 Datasheet HTML 5Page - Infineon Technologies AG TC1775 Datasheet HTML 6Page - Infineon Technologies AG TC1775 Datasheet HTML 7Page - Infineon Technologies AG TC1775 Datasheet HTML 8Page - Infineon Technologies AG TC1775 Datasheet HTML 9Page - Infineon Technologies AG TC1775 Datasheet HTML 10Page - Infineon Technologies AG TC1775 Datasheet HTML 11Page - Infineon Technologies AG TC1775 Datasheet HTML 12Page - Infineon Technologies AG TC1775 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 101 page
background image
TC1775
Data Sheet
5
V1.2, 2002-05
Preliminary
Pin Configuration
Figure 3
TC1775 Pinning: P-BGA-329 Package (top view)
M C P 04680
AN
3
AN
6
AN
9
12
3
4
56
7
AN
11
AN
15
89
P 12.
13
10
11
P12 .
9
P1 2.
5
12
13
P1 2.
1
P1 3
15
14
15
P13 .
11
P13 .
8
16
17
P1 3.
4
P1 3.
2
18
19
P 11.
15
P11 .
12
20
21
P1 1.
8
P1 1.
5
22
23
P 11.
4
V
SS A0
V
SSM
V
SSS C
V
DDS C
A
AN
16
B
AN
17
AN
0
AN
4
AN
7
AN
10
AN
13
P 12.
15
P 12.
12
P12 .
7
P1 2.
6
P1 2.
2
P13 .
13
P13 .
9
P1 3.
6
P1 3.
3
P 13.
0
P11 .
13
P1 1.
9
P1 1.
6
P 11.
3
V
DDS B
AN
19
C
V
DDM
AN
20
AN
1
AN
5
AN
8
AN
14
P 12.
14
P 12.
11
P12 .
8
P1 2.
4
P1 2.
3
N.C.
2
P13 .
14
P13 .
10
P1 3.
7
P1 3.
1
P 11.
14
P11 .
10
P1 1.
0
P 11.
1
A
B
C
AN
23
D
AN
24
AN
18
AN
2
AN
21
V
SS
AN
12
V
DD
P81 3
V
DD A 0
N.C.
1
P12 .
10
P1 2.
0
P13 .
12
V
DD
V
DD
P81 3
P1 3.
5
V
SS
P 11.
11
P11 .
7
N.C.
2
P1 0.
13
P 10.
14
D
AN
26
E
AN
27
AN
22
AN
25
AN
29
F
AN
30
AN
28
V
SS
V
AR EF 0
V
AG N D 0
V
A G ND1
V
SSA1
V
AR E F 1
AN
31
G
V
DDA 1
H
P1 .0
P1.1
V
DD
P05
P1.2
J
P1 .4
P1.5
P1 .3
P1.6
K
P1 .7
N.C.
2
V
DD
P1.8
L
P1 .9
P1 .1 0
N.C.
2
P1.12
M
P1.1 3 P1 .1 1
V
DD
P05
P0.0
N
P1.1 4 P1 .1 5
P0 .1
P0.4
P
P0 .3
P0.2
V
DD
P0 .6
P0.5
P0 .7
CLK
OU T
R
P0 .9
P0.8
CLK
IN
T
V
DD
P05
P0.13
U
P0.1 1 P0 .1 0 P0 .1 2
V
DD
P0.15
V
P0.1 4
P4.0
P4.2
W
P4 .1
P4.3
P4 .6
P4.5
Y
P4 .4
P4.7
P4 .1 5
P2 .2
V
SS
P2 .1 2
V
DD
P0 5
P3 .3
V
DD
P3.9
V
DD
P0 5
P5 .3
N.C.
1
P5.8
N.C.
2
P5 .1 5
V
DD
OC D
SE
NM I
PO
RS T
CF G
1
TR ST
CF G
0
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
E
P10 .
15
P1 0.
12
P1 0.
10
P 10.
11
V
DD
P1 0.
9
P1 0.
7
P 10.
8
P1 0.
3
P1 0.
4
P 10.
6
P10 .
5
P1 0.
0
P1 0.
1
P 10.
2
V
DD
P 813
P9.1 4 P9 .1 2 P9 .13 P9.1 5
V
DD
P9 .9
P9 .10 P9.1 1
P9 .6
P9 .5
P9 .7
P9.8
V
DD
P 813
P9 .2
P9 .4
P9 .3
P9 .1
P9 .0
P8.1 5
P8.1 4
V
DD
P8 .1 3 P8 .12 P8.1 1
P8 .1 0
P8 .9
P8 .7
P8.8
V
DD
P 813
P8 .6
P8 .5
P8 .4
P8 .3
P8 .2
P8 .0
P8.1
V
SS
CL K
SE L0
CLK
SEL 2
CL K
SE L1
CF G
2
BY
P ASS
CF G
3
HD
RS T
AA
P4.9
P4 .8
P4 .1 0
P2 .1
P2 .5
P2 .8
P2 .1 4
P3 .1
P3 .5
P3 .8
P3 .1 2 P3 .1 3
P5 .1
P5 .4
P5.7
P5.1 0 P5 .1 3
TD O
XT A L
4
V
SS
OS C
V
DD
PLL
V
SS
PL L
AA
AB
P4.1 4
P4.11
P2.0
P2 .4
P2 .7
P2.1 0 P2 .1 3
P3 .0
P3 .4
P3 .7
P3 .1 1 P3 .1 5
P5 .0
P5 .5
P5.1 1 P5 .1 4
N.C.
1
V
DD
SR AM
TC K
TM S
XT A L
3
N.C.
2
T EST
MO D E
AB
P4.12 P4.1 3
AC
N.C.
2
P2 .3
P2 .6
P2 .9
P2 .1 1 P2 .1 5
P3 .2
P3 .6
P3 .1 0 P3 .1 4
P5 .2
P5 .6
P5.9
P5.1 2
V
DD
SR AM
BR K
OU T
TD I
BR K
IN
V
DD
OS C
XT AL
2
XTAL
1
AC
1
2
3
4
5
6
7
8
9
10111 213
1 4151 6
1 7
1 8192 0
2 1
2 223
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
DD
P1 1.
2
V
DD
P81 3


Similar Part No. - TC1775

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
   Max. output 32V DC, 6.25A
20180821-D
logo
TelCom Semiconductor, I...
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
Transcom, Inc.
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
   3 W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1708D-221M PRODUCTWELL-TC1708D-221M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC1775

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com