Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1912 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TC1912
Description  32-Bit Single-Chip Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1912 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TC1912 Datasheet HTML 1Page - Infineon Technologies AG TC1912 Datasheet HTML 2Page - Infineon Technologies AG TC1912 Datasheet HTML 3Page - Infineon Technologies AG TC1912 Datasheet HTML 4Page - Infineon Technologies AG TC1912 Datasheet HTML 5Page - Infineon Technologies AG TC1912 Datasheet HTML 6Page - Infineon Technologies AG TC1912 Datasheet HTML 7Page - Infineon Technologies AG TC1912 Datasheet HTML 8Page - Infineon Technologies AG TC1912 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
TC1912
PRELIMINARY
Data Sheet
1
V 1.0, 2003-10
TC1912 Features
The TC1912 offers a 32 bit TriCore based microcontroller/DSP, which is mainly designed
for
automotive
telematics
applications.
Due
to
its
high
integration,
this
microcontroller/DSP offers high system performance at minimized cost. Typical
telematics functions processed by RISC-, DSP- and speech- (CODEC) modules are now
combined in one component. This combination of the CODEC and standard peripherals
(SSC/SPI, ASC and IIC), makes this engine tailored for a wide variety of telematics
applications: navigation, emergency call, speech interface or communication interface.
• TriCore CPU/DSP with 4-Stage Pipeline:
– 66 MHz max. CPU clock frequency, 50 MHz max. FPI Bus clock frequency.
– 32-bit super-scalar TriCore main CPU
– 4-GByte unified memory space support
– Fast context-switching
– Dual 16 x 16 Multiply-accumulate (MAC) unit
– 64-bit Local Memory Bus (LMB)
– 32-bit Flexible Peripheral Interface Bus (FPI)
– 32-bit wide External Bus Unit (EBU)
• On-chip memories:
– 24 KByte Code Scratch-Pad RAM (CSRAM)
– 8 KByte Instruction Cache (ICACHE)
– 24 KByte Data Scratch-Pad RAM (DSRAM)
– 8 KByte Data Cache (DCACHE)
– 64 KByte fast LMB SRAM
– 16 KByte FPI SRAM (of which 8 KByte Stand-By SRAM)
• Product Specific Peripherals:
– 14-bit double CODEC with flexible sample rates and FIFO support
– 8 External Interrupt Inputs
• Automotive Peripherals:
– Two independent CAN-nodes (TwinCAN) with gateway support
• Standard Peripherals:
– 3 x asynchronous serial interface (ASC) with IrDa-support
– 1 SPI-compatible synchronous serial interface
– IIC module
– 3 x 32 bit timer
– Real time clock (RTC)
– Watchdog timer (WDT)
• Clock Generation Unit with PLL
• Debug Support: OCDS Level 1 with JTAG interface
• Dual voltage supply (1.8V core, 3.3V I/O)
• Power saving features
• -40°C to +85°C temperature range
• LBGA-208 package


Similar Part No. - TC1912

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC1910 INFINEON-TC1910 Datasheet
2Mb / 66P
   32-Bit Single-Chip Microcontroller
V 1.0, Oct. 2003
More results

Similar Description - TC1912

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com