Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA965 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TCA965
Description  Window Discriminator(Bipolar IC)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TCA965 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TCA965 Datasheet HTML 1Page - Infineon Technologies AG TCA965 Datasheet HTML 2Page - Infineon Technologies AG TCA965 Datasheet HTML 3Page - Infineon Technologies AG TCA965 Datasheet HTML 4Page - Infineon Technologies AG TCA965 Datasheet HTML 5Page - Infineon Technologies AG TCA965 Datasheet HTML 6Page - Infineon Technologies AG TCA965 Datasheet HTML 7Page - Infineon Technologies AG TCA965 Datasheet HTML 8Page - Infineon Technologies AG TCA965 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TCA 965 B
Semiconductor Group
3
1998-02-10
Pin Configuration
(top view)
Pin Definitions and Functions
Pin
Symbol
Pin Function in
Direct Setting
Indirect Setting
of Window
1
2
3
4
5
GND
A
D
Inhibit A
V
REF
GND
Logic output A
Logic output D = A @ B (AND)
Connected to GND: logic output A = HIGH
Internal
V
REF = 3 V
6
7
8
9
V
6
V
7
V
8
V
9
Upper edge voltage
Lower edge voltage
Input voltage
GND
Input voltage
V
6/7
Input voltage
V
6/7
Center voltage
Half window width
10
11
12
13
14
V
Stab
+
V
S
Inhibit B
C
B
Internal
V
Stab = 6 V
Supply voltage
Connected to GND: logic output B = HIGH
Logic output C = A @ B (NAND)
Logic output B
TCA 965 B
IEP00292
C
D
A
GND
7
8
6
9
5
10
4
11
3
12
2
13
1
14
B
7
V
Inhibit A
6
V
REF
V
Inhibit B
V
9
V
S
V
Stab
V
8
+


Similar Part No. - TCA965

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA965 SIEMENS-TCA965 Datasheet
134Kb / 17P
   Window Discriminator
logo
List of Unclassifed Man...
TCA965 ETC-TCA965 Datasheet
110Kb / 2P
   Fensterdiskriminator-IS
logo
Siemens Semiconductor G...
TCA965B SIEMENS-TCA965B Datasheet
134Kb / 17P
   Window Discriminator
More results

Similar Description - TCA965

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA965B SIEMENS-TCA965B Datasheet
134Kb / 17P
   Window Discriminator
logo
Rohm
BA7007 ROHM-BA7007 Datasheet
86Kb / 4P
   SECAM discriminator IC
BA7025L ROHM-BA7025L Datasheet
155Kb / 6P
   SECAM discriminator IC
logo
Mitsumi Electronics, Co...
MM1327 MITSUMI-MM1327 Datasheet
142Kb / 11P
   Wide Discriminator Monolithic IC
logo
List of Unclassifed Man...
TBB042G ETC-TBB042G Datasheet
122Kb / 4P
   Bipolar IC
logo
Oscilent Corporation
662 OSCILENT-662 Datasheet
141Kb / 2P
   Discriminator
662-10.7M-G1 OSCILENT-662-10.7M-G1 Datasheet
141Kb / 2P
   Discriminator
logo
List of Unclassifed Man...
SDA3002 ETC1-SDA3002 Datasheet
329Kb / 10P
   BIPOLAR IC
logo
Siemens Semiconductor G...
TLE3101 SIEMENS-TLE3101 Datasheet
534Kb / 17P
   BIPOLAR IC
logo
Fairchild Semiconductor
FAN8903 FAIRCHILD-FAN8903 Datasheet
286Kb / 16P
   Power Window Motor Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com