Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5100A Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TDA5100A
Description  ASK Transmitter 434 MHz
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5100A Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TDA5100A Datasheet HTML 2Page - Infineon Technologies AG TDA5100A Datasheet HTML 3Page - Infineon Technologies AG TDA5100A Datasheet HTML 4Page - Infineon Technologies AG TDA5100A Datasheet HTML 5Page - Infineon Technologies AG TDA5100A Datasheet HTML 6Page - Infineon Technologies AG TDA5100A Datasheet HTML 7Page - Infineon Technologies AG TDA5100A Datasheet HTML 8Page - Infineon Technologies AG TDA5100A Datasheet HTML 9Page - Infineon Technologies AG TDA5100A Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Product Description
2 - 2
TDA 5100A
preliminary
Wireless Components
Specification, March 2001
2.1 Overview
The TDA 5100A is a single chip ASK transmitter for the frequency band 433-
435 MHz. The IC offers a high level of integration and needs only a few external
components. The device contains a fully integrated PLL synthesizer and a high
efficiency power amplifier to drive a loop antenna. A special circuit design and
an unique power amplifier design are used to save current consumption and
therefore to save battery life. Additional features like a power down mode, a low
power detect and a divided clock output are implemented.
2.2 Applications
 Keyless entry systems
 Remote control systems
 Alarm systems
 Communication systems
2.3 Features
 fully integrated frequency synthesizer
 VCO without external components
 high efficiency power amplifier
 frequency range 433-435 MHz
 ASK modulation
 low supply current (typically 7 mA)
 voltage supply range 2.1 - 4 V
 power down mode
 low voltage sensor
 clock output for µC
 low external component count


Similar Part No. - TDA5100A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5100 INFINEON-TDA5100 Datasheet
817Kb / 39P
   fully integrated frequency synthesizer
Version 2.1 June 2001
More results

Similar Description - TDA5100A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA7100 INFINEON-TDA7100 Datasheet
1Mb / 41P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, May 2007
TDA7110F INFINEON-TDA7110F Datasheet
734Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009
TDK5110F INFINEON-TDK5110F Datasheet
756Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, July 2006
TDK5100F INFINEON-TDK5100F Datasheet
503Kb / 35P
   434 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDK5100F INFINEON-TDK5100F_08 Datasheet
1Mb / 39P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.2, April 2008
TDA7255V INFINEON-TDA7255V Datasheet
2Mb / 109P
   ASK/FSK 434 MHz Wireless Transceiver
Revision 1.1, 2010-11-10
TDA5103A INFINEON-TDA5103A Datasheet
937Kb / 29P
   ASK Transmitter 345 MHz
Version 1.0 March 2001
TDA5101A INFINEON-TDA5101A Datasheet
260Kb / 21P
   ASK Transmitter 315 MHz
V 0.2 May 1999
TDK5111 INFINEON-TDK5111 Datasheet
588Kb / 39P
   ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002
TDA5102 INFINEON-TDA5102 Datasheet
1Mb / 35P
   ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com