Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5103 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TDA5103
Description  ASK Transmitter 345 MHz
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5103 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TDA5103 Datasheet HTML 11Page - Infineon Technologies AG TDA5103 Datasheet HTML 12Page - Infineon Technologies AG TDA5103 Datasheet HTML 13Page - Infineon Technologies AG TDA5103 Datasheet HTML 14Page - Infineon Technologies AG TDA5103 Datasheet HTML 15Page - Infineon Technologies AG TDA5103 Datasheet HTML 16Page - Infineon Technologies AG TDA5103 Datasheet HTML 17Page - Infineon Technologies AG TDA5103 Datasheet HTML 18Page - Infineon Technologies AG TDA5103 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Functional Description
3 - 8
TDA 5103A
preliminary
Wireless Components
Specification, March 2001
3.4.4 Low Power Detect
The supply voltage is sensed by a low power detector. When the supply voltage
drops below 2.15 V, the output LPD (pin 10) switches to the low-state. To min-
imize the external component count, an internal pull-up current of 40 µA gives
the output a high-state at supply voltages above 2.15 V.
The output LPD (pin 10) can either be connected to DATA (pin 5) to switch off
the PA as soon as the supply voltage drops below 2.15 V or it can be used to
inform a micro-controller to stop the transmission after the current data packet.
3.4.5 Power Modes
The IC provides three power modes, the POWER DOWN MODE, the PLL
ENABLE MODE and the TRANSMIT MODE.
3.4.5.1 Power Down Mode
In the POWER DOWN MODE the complete chip is switched off.
The current consumption is less than 100nA.
3.4.5.2 PLL Enable Mode
In the PLL ENABLE MODE the PLL is switched on but the power amplifier is
turned off to avoid undesired power radiation during the time the PLL needs to
settle. The turn on time of the PLL is determined mainly by the turn on time of
the crystal oscillator and is typically less than 1 msec, depending on the crystal.
The current consumption is typically 3.5 mA.
3.4.5.3 Transmit Mode
In the TRANSMIT MODE the PLL is switched on and the power amplifier is
turned on too.
The current consumption of the IC is typically 7 mA when using a proper trans-
forming network at PAOUT, see Figure 4-1.
3.4.5.4 Power mode control
The bias circuitry is powered up via a voltage V > 1.5 V at the pin PDWN (pin 1).
When the bias circuitry is powered up, the pin DATA is pulled up internally.
Forcing the voltage at the pin DATA low overrides the internally set state.
The principle schematic of the power mode control circuitry is shown in
Figure 3-5.


Similar Part No. - TDA5103

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5100 INFINEON-TDA5100 Datasheet
817Kb / 39P
   fully integrated frequency synthesizer
Version 2.1 June 2001
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
   ASK Transmitter 434 MHz
Version 1.0 March 2001
TDA5101 INFINEON-TDA5101 Datasheet
260Kb / 21P
   ASK Transmitter 315 MHz
V 0.2 May 1999
TDA5101A INFINEON-TDA5101A Datasheet
260Kb / 21P
   ASK Transmitter 315 MHz
V 0.2 May 1999
TDA5102 INFINEON-TDA5102 Datasheet
1Mb / 35P
   ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001
More results

Similar Description - TDA5103

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
   ASK Transmitter 434 MHz
Version 1.0 March 2001
TDA5101A INFINEON-TDA5101A Datasheet
260Kb / 21P
   ASK Transmitter 315 MHz
V 0.2 May 1999
TDK5111 INFINEON-TDK5111 Datasheet
588Kb / 39P
   ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002
TDA5102 INFINEON-TDA5102 Datasheet
1Mb / 35P
   ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001
logo
ams AG
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
   ISM 433 MHz ASK Transmitter
logo
Infineon Technologies A...
TDK5101 INFINEON-TDK5101 Datasheet
584Kb / 39P
   ASK/FSK Transmitter 315 MHz
Version 1.0 October 2002
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
   ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
   ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
TDK5100 INFINEON-TDK5100 Datasheet
629Kb / 40P
   ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002
logo
Melexis Microelectronic...
TH72012 MELEXIS-TH72012_12 Datasheet
696Kb / 20P
   ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com