Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMM0212D05 Datasheet(PDF) 3 Page - XP Power Limited

Part # IMM0212D05
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IMM0212D05 Datasheet(HTML) 3 Page - XP Power Limited

  IMM0212D05 Datasheet HTML 1Page - XP Power Limited IMM0212D05 Datasheet HTML 2Page - XP Power Limited IMM0212D05 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IMM02 Series
www.xppower.com
DC-DC Converter
3
29-Sept-15
Mechanical Details
Application Note
IMM02
+ Vout
-Vout
+ Vin
-Vin
Load
C1
D1
C1 is 220 µF, 100 V electrolytic capacitor
D1 is 18 V, 3 kW TVS for 5 V input or 28 V, 3 kW TV5 for 12 V input
C1 & C2 are 10 µF, 35 V multilayer ceramic chip capacitors, placed as close
as possible to the input pins
L1 is 12 µF inductor
L
IMM02
+ Vout
-Vout
+ Vin
-Vin
Load
C1
C2
L1
External Filter for Surge and EFT
EMI Filter Conducted Emissions
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
±15 kV
A
Air Discharge
Radiated Immunity
EN61000-4-3
10 Vrms
A
EFT/Burst
EN61000-4-4
2 kV
A
External input filter required, see applications note
Surge
EN61000-4-5
2 kV
A
External input filter required, see applications note
Conducted Immunity
EN61000-4-6
10 V rms
A
Magnetic Fields
EN61000-4-8
30 A/m
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55011
Class B
See Application Note
Radiated
EN55011
Class B
0.86 (21.85)
0.42
(10.6)
0.02
(0.50)
0.10
(2.54)
0.12
(3.0)
0.44
(11.10)
0.36 (9.20)
Printed
Face
0.70 (17.78)
0.36
(9.20)
0.02
(0.50)
Bottom View
0.02
(0.50)
0.01
(0.25)
0.13
(3.20)
1. All dimensions are in inches (mm)
2. Weight: 0.009 lbs (4.2 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Pin Connections
Pin
Single
Dual
1
-Vin
-Vin
2
+Vin
+Vin
3
Remote
On/Off
Remote
On/Off
6
+Vout
+Vout
7
-Vout
Common
8
No Pin
-Vout
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
UL
ANSI/AMMI ES60601-1
CSA
CSA C22.2 No. 60601-1
TUV
EN60601-1
CB
IEC60601-1


Similar Part No. - IMM0212D05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IMM01 XPPOWER-IMM01 Datasheet
481Kb / 3P
   DC-DC Converter
IMM0105D03 XPPOWER-IMM0105D03 Datasheet
481Kb / 3P
   DC-DC Converter
IMM0105D05 XPPOWER-IMM0105D05 Datasheet
481Kb / 3P
   DC-DC Converter
IMM0105D12 XPPOWER-IMM0105D12 Datasheet
481Kb / 3P
   DC-DC Converter
IMM0105D15 XPPOWER-IMM0105D15 Datasheet
481Kb / 3P
   DC-DC Converter
More results

Similar Description - IMM0212D05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com