Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6190 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TDA6190
Description  DVB-IF Mixer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA6190 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TDA6190 Datasheet HTML 6Page - Infineon Technologies AG TDA6190 Datasheet HTML 7Page - Infineon Technologies AG TDA6190 Datasheet HTML 8Page - Infineon Technologies AG TDA6190 Datasheet HTML 9Page - Infineon Technologies AG TDA6190 Datasheet HTML 10Page - Infineon Technologies AG TDA6190 Datasheet HTML 11Page - Infineon Technologies AG TDA6190 Datasheet HTML 12Page - Infineon Technologies AG TDA6190 Datasheet HTML 13Page - Infineon Technologies AG TDA6190 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
TDA 6190
Version 1.4
Functional Description
Specification
10
2004-05-17
2.2
Pin Definitions and Functions
Table 2-1
Pin Definition and Function
Pin No.
Symbol
Equivalent
I/O-Schematic
Function
1
TAGCthr
Tuner AGC threshold; delayed tuner AGC
adjust input; if not required, connect to
reference voltage Vref
2
TunAGC
Delayed tuner AGC output; open npn
transistor collector
3
Vs
Supply voltage
4
IFGnd
IF input ground
5
IF1
IF input IF1; balanced to IF2
6
IF2
IF input IF2; balanced to IF1
7
Gnd
Ground
8
IFAGC
IF amplifier gain control input pin, low voltage
corresponds to maximum gain
9
OUT2
buffered mixer output OUT2; balanced to
OUT1
10
OUT1
buffered mixer output OUT1; balanced to
OUT2
11
OSCGnd
Oscillator Ground
12
VCOb1
VCO base 1; balanced to VCOb2
13
VCOe1
VCO emitter 1; balanced to VCOe2
14
VCOe2
VCO emitter 2; balanced to VCOe1
15
VCOb2
VCO base 2; balanced to VCOb1
16
Vref
Reference voltage


Similar Part No. - TDA6190

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA6192 INFINEON-TDA6192 Datasheet
442Kb / 26P
   Gain-controlled IF Amplifier
Version 2.1 May 2002
TDA6192-T INFINEON-TDA6192-T Datasheet
442Kb / 26P
   Gain-controlled IF Amplifier
Version 2.1 May 2002
TDA6192-V INFINEON-TDA6192-V Datasheet
442Kb / 26P
   Gain-controlled IF Amplifier
Version 2.1 May 2002
More results

Similar Description - TDA6190

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FB1517 FARADAY-FB1517 Datasheet
27Kb / 2P
   36.15 MHZ DVB(T) IF FILTER
FB1518 FARADAY-FB1518 Datasheet
24Kb / 2P
   70 MHz DVB(T) IF FILTER
logo
TEMIC Semiconductors
U4476B TEMIC-U4476B Datasheet
187Kb / 7P
   IF Amplifier / Converter for DVB (Cable)
U4459B TEMIC-U4459B Datasheet
108Kb / 7P
   IF Amplifier for Cable DVB Processing
logo
NXP Semiconductors
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
Qorvo, Inc
CMD261 QORVO-CMD261 Datasheet
300Kb / 10P
   High IF Bandwidth Mixer
logo
Custom MMIC Design Serv...
CMD261 MMIC-CMD261 Datasheet
300Kb / 10P
   High IF Bandwidth Mixer
logo
TEMIC Semiconductors
U4479B TEMIC-U4479B Datasheet
257Kb / 11P
   DVB-Cable IF Converter and Full Multi-Standard Video-/Sound IF Processing
logo
Infineon Technologies A...
PMB2208 INFINEON-PMB2208 Datasheet
766Kb / 27P
   Mixer and IF Vector Modulator
V1.2 August 1999
logo
RF Micro Devices
RF3334 RFMD-RF3334_06 Datasheet
218Kb / 14P
   IF LOW NOISE AMPLIFIER/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com