Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA16888G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TDA16888G
Description  High Performance Power Combi Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16888G Datasheet(HTML) 4 Page - Infineon Technologies AG

  TDA16888G Datasheet HTML 1Page - Infineon Technologies AG TDA16888G Datasheet HTML 2Page - Infineon Technologies AG TDA16888G Datasheet HTML 3Page - Infineon Technologies AG TDA16888G Datasheet HTML 4Page - Infineon Technologies AG TDA16888G Datasheet HTML 5Page - Infineon Technologies AG TDA16888G Datasheet HTML 6Page - Infineon Technologies AG TDA16888G Datasheet HTML 7Page - Infineon Technologies AG TDA16888G Datasheet HTML 8Page - Infineon Technologies AG TDA16888G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
TDA 16888
Data Sheet
4
2000-02-28
1.3
Pin Definitions and Functions
Pin No.
Symbol
Function
1
PFC IAC
AC line voltage sensing input
2
V
REF
7.5 V reference
3
PFC CC
PFC current loop compensation
4
PFC CS
PFC current sense
5
GND S
Ground sensing input
6
PFC CL
Sensing input for PFC current limitation
7
GND
Ground
8
PFC OUT
PFC driver output
9
V
CC
Supply voltage
10
PWM OUT
PWM driver output
11
PWM CS
PWM current sense
12
SYNC
Oscillator synchronization input
13
PWM SS
PWM soft-start
14
PWM IN
PWM output voltage sensing input
15
PWM RMP
PWM voltage ramp
16
ROSC
Oscillator frequency set-up
17
PFC FB
PFC voltage loop feedback
18
PFC VC
PFC voltage loop compensation
19
PFC VS
PFC output voltage sensing input
20
AUX VS
Auxiliary power supply voltage sense


Similar Part No. - TDA16888G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA16888G SIEMENS-TDA16888G Datasheet
472Kb / 39P
   High Performance Power Combi Controller
More results

Similar Description - TDA16888G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA16888 SIEMENS-TDA16888 Datasheet
472Kb / 39P
   High Performance Power Combi Controller
logo
Infineon Technologies A...
ICE1CS02 INFINEON-ICE1CS02 Datasheet
444Kb / 27P
   Combi PFC/ PWM Controller
Version 1.0, 25 July 2008
logo
SHENZHEN FUMAN ELECTRON...
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
   High performance power factor correction controller
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
   High performance power factor correction controller
logo
SIFIRST TECHNOLOGIES NA...
SFL330 SIFIRST-SFL330 Datasheet
57Kb / 2P
   High Performance, High Power Factor Flyback PWM Controller
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power
December, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com