Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6192-T Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TDA6192-T
Description  Gain-controlled IF Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA6192-T Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TDA6192-T Datasheet HTML 3Page - Infineon Technologies AG TDA6192-T Datasheet HTML 4Page - Infineon Technologies AG TDA6192-T Datasheet HTML 5Page - Infineon Technologies AG TDA6192-T Datasheet HTML 6Page - Infineon Technologies AG TDA6192-T Datasheet HTML 7Page - Infineon Technologies AG TDA6192-T Datasheet HTML 8Page - Infineon Technologies AG TDA6192-T Datasheet HTML 9Page - Infineon Technologies AG TDA6192-T Datasheet HTML 10Page - Infineon Technologies AG TDA6192-T Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Product Description
2 - 2
TDA6192
Wireless Components
Specification, May 2002
2.1
General Description
The TDA6192 device combines a gain-controlled amplifier, an output buffer to
drive a following channel decoder IC and a delayed tuner AGC with take-over
point adjustment. The gain is controlled by an external voltage.
2.2
Features
s
Input frequency range 30 to 65 MHz
s
Low intermodulation distortion
s
48 dB AGC range
s
balanced 1 Vpp buffered output
s
Input for gain-control voltage
s
Output for tuner AGC with take-over point adjust
s
Internal low noise reference voltage
s
Full ESD protection
2.3
Application
s
IF amplifier in DVB-C, DVB-T, ATSC and ISDB-T frontends with direct
IF- sampling.
s
IF amplifier in PAL or NTSC frontends


Similar Part No. - TDA6192-T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA6190 INFINEON-TDA6190 Datasheet
781Kb / 30P
   DVB-IF Mixer
Version 1.4, 2004-05-17
TDA6190T INFINEON-TDA6190T Datasheet
781Kb / 30P
   DVB-IF Mixer
Version 1.4, 2004-05-17
More results

Similar Description - TDA6192-T

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2601 RFMD-RF2601 Datasheet
781Kb / 11P
   GAIN CONTROLLED IF AMPLIFIER
RF3330 RFMD-RF3330_06 Datasheet
163Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330 Datasheet
143Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330_1 Datasheet
313Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
logo
Maxim Integrated Produc...
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
   IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
logo
Linear Technology
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514_15 Datasheet
285Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com