Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB50760SFS Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FSB50760SFS
Description  Motion SPMR 5 SuperFETR Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50760SFS Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSB50760SFS Datasheet HTML 2Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 3Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 4Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 5Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 6Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 7Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 8Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 9Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FSB50760SFS Rev. 1.1
Figure 6. Switching Time Definitions
Figure 7. Switching and RBSOA (Single-pulse) Test Circuit (Low-side)
Figure 8. Under-Voltage Protection (Low-Side)
Figure 9. Under-Voltage Protection (High-Side)
t
ON
t
rr
I
rr
100% of I
D
120% of I
D
(a) Turn-on
t
OFF
(b) Turn-off
I
D
V
DS
V
DS
I
D
V
IN
V
IN
10% of I
D
COM
VCC
LIN
HIN
VB
HO
VS
LO
I
D
V
CC
C
BS
LV
DC
+
V
DS
-
VTS
One Leg Diagram of Motion SPM
®
5 Product
UV
CCD
UV
CCR
Input Signal
UV Protection
Status
Low-side Supply, V
CC
MOSFET Current
RESET
DETECTION
RESET
UV
BSD
UV
BSR
Input Signal
UV Protection
Status
High-side Supply, V
BS
MOSFET Current
RESET
DETECTION
RESET


Similar Part No. - FSB50760SFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSB50760SFS ONSEMI-FSB50760SFS Datasheet
734Kb / 12P
   Motion SPM 5 SuperFET Series
Aug 2015 Rev. 1.1
More results

Similar Description - FSB50760SFS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SF FAIRCHILD-FSB50660SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SFS FAIRCHILD-FSB50660SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSB50325A FAIRCHILD-FSB50325A_14 Datasheet
1Mb / 12P
   Motion SPMR 5 Series
FSB50825A FAIRCHILD-FSB50825A Datasheet
459Kb / 10P
   Motion SPMR 5 Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com