Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB50760SFS Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSB50760SFS
Description  Motion SPMR 5 SuperFETR Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50760SFS Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSB50760SFS Datasheet HTML 1Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 2Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 3Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 4Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 5Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 6Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 7Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 8Page - Fairchild Semiconductor FSB50760SFS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSB50760SFS Rev. 1.1
Aug 2015
FSB50760SFS
Motion SPM® 5 SuperFET® Series
Features
• UL Certified No. E209204 (UL1557)
• 600 V RDS(on) = 530 mMax SuperFET MOSFET 3-
Phase Inverter with Gate Drivers and Protection
• Built-in Bootstrap Diodes Simplify PCB Layout
• Separate Open-Source Pins from Low-Side MOS-
FETS for Three-Phase Current-Sensing
• Active-HIGH Interface, Works with 3.3 / 5 V Logic,
Schmitt-trigger Input
• Optimized for Low Electromagnetic Interference
• HVIC Temperature-Sensing Built-in for Temperature
Monitoring
• HVIC for Gate Driving and Under-Voltage Protection
• Isolation Rating: 1500 Vrms / 1 min.
• Moisture Sensitive Level (MSL) 3
• RoHS Compliant
Applications
• 3-Phase Inverter Driver for Small Power AC Motor
Drives
Related Source
• RD-402 - Reference Design for Motion SPM 5 Super-
FET Series
• AN-9082 - Motion SPM5 Series Thermal Performance
by Contact Pressure
• AN-9080 - User’s Guide for Motion SPM 5 Series V2
General Description
The FSB50760SFS is an advanced Motion SPM® 5
module providing a fully-featured, high-performance
inverter output stage for AC Induction, BLDC and PMSM
motors such as refrigerators, fans and pumps. These
modules integrate optimized gate drive of the built-in
MOSFETs(SuperFET® technology) to minimize EMI and
losses,
while
also
providing multiple
on-module
protection features including under-voltage lockouts and
thermal
monitoring.
The
built-in
high-speed
HVIC requires
only
a
single
supply
voltage
and
translates the incoming logic-level gate inputs to the
high-voltage, high-current drive signals required to
properly
drive
the
module's
internal
MOSFETs.
Separate open-source MOSFET terminals are available
for each phase to support the widest variety of control
algorithms.
3D Package Drawing (Click to Activate 3D Content)
Package Marking & Ordering Information
Device Marking
Device
Package
Reel Size
Packing Type
Quantity
50760SFS
FSB50760SFS
SPM5Q-023
330mm
Tape-Reel
450


Similar Part No. - FSB50760SFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSB50760SFS ONSEMI-FSB50760SFS Datasheet
734Kb / 12P
   Motion SPM 5 SuperFET Series
Aug 2015 Rev. 1.1
More results

Similar Description - FSB50760SFS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SF FAIRCHILD-FSB50660SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SFS FAIRCHILD-FSB50660SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSB50325A FAIRCHILD-FSB50325A_14 Datasheet
1Mb / 12P
   Motion SPMR 5 Series
FSB50825A FAIRCHILD-FSB50825A Datasheet
459Kb / 10P
   Motion SPMR 5 Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com