Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSBB15CH60D Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSBB15CH60D
Description  Motion SPMR 3 Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB15CH60D Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSBB15CH60D Datasheet HTML 1Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 2Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 3Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 4Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 5Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 6Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 7Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 8Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2015 Fairchild Semiconductor Corporation
2
www.fairchildsemi.com
FSBB15CH60D Rev. 1.0
Integrated Power Functions
• 600 V - 15 A IGBT inverter for three-phase DC / AC power conversion (Please refer to Figure 3)
Integrated Drive, Protection and System Control Functions
• For inverter high-side IGBTs: gate drive circuit, high-voltage isolated high-speed level shifting
control circuit Under-Voltage Lock-Out Protection (UVLO)
Note: Available bootstrap circuit example is given in Figures 5 and 14.
• For inverter low-side IGBTs: gate drive circuit, Short-Circuit Protection (SCP)
control supply circuit Under-Voltage Lock-Out Protection (UVLO)
• Fault signaling: corresponding to UVLO (low-side supply) and SC faults
• Input interface: active-HIGH interface, works with 3.3 / 5 V logic, Schmitt-trigger input
Pin Configuration
Figure 2. Top View


Similar Part No. - FSBB15CH60D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSBB15CH60D ONSEMI-FSBB15CH60D Datasheet
757Kb / 17P
   Motion SPM 3 Series
August 2015 Rev. 1.0
More results

Similar Description - FSBB15CH60D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
FNB33060T FAIRCHILD-FNB33060T Datasheet
1Mb / 15P
   Motion SPMR 3 Series
FSBB20CH60D FAIRCHILD-FSBB20CH60D Datasheet
718Kb / 15P
   Motion SPMR 3 Series
FSBB30CH60CT FAIRCHILD-FSBB30CH60CT Datasheet
664Kb / 15P
   Motion SPMR 3 Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FNB50560T1 FAIRCHILD-FNB50560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com