Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA21201-S7 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TDA21201-S7
Description  Integrated Switch(MOSFET Driver and MOSFETs)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21201-S7 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TDA21201-S7 Datasheet HTML 1Page - Infineon Technologies AG TDA21201-S7 Datasheet HTML 2Page - Infineon Technologies AG TDA21201-S7 Datasheet HTML 3Page - Infineon Technologies AG TDA21201-S7 Datasheet HTML 4Page - Infineon Technologies AG TDA21201-S7 Datasheet HTML 5Page - Infineon Technologies AG TDA21201-S7 Datasheet HTML 6Page - Infineon Technologies AG TDA21201-S7 Datasheet HTML 7Page - Infineon Technologies AG TDA21201-S7 Datasheet HTML 8Page - Infineon Technologies AG TDA21201-S7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Preliminary Data Sheet
TDA21201
Page 1
Apr-29, 2002
Integrated Switch
(MOSFET Driver and MOSFETs)
Type
Package
Marking
Ordering Code
TDA21201-P7
TO-220-7-3
21201P7
Q67042-S4100
TDA21201-S7
TO-220-7-230 21201S7
Q67042-S4101
TDA21201-B7
TO-263-7-2
21201B7
Q67042-S4099
Pin Configuration and Function
Pin number
Pin name
Pin description
1,2,3
GND
Ground
4/tab
VOUT
Output voltage from common node of the MOSFETs
5
IN
Input signal from PWM controller
6,7
VCC
Supply voltage to MOSFETs and Driver IC
General Description
The Integrated Switch TDA21201 incorporates an intelligent MOSFET driver and two
Power MOSFETs in a single package to form a fully integrated and optimized power
stage of a DC/DC synchronous buck converter including the bootstrap components
for the high-side MOSFET.
The Power MOSFETs are optimized for lowest static and dynamic losses for a 12 V
to sub-3.5 V conversion and can handle up to 30 A output current. The TDA21201 is
manufactured in Infineon´s state-of-the-art multi-chip assembly using a low-Rth 7-Pin
1
7
P-TO263-7-2
P-TO220-7-3
Features
• Replaces with one part only the semiconductors of a DC/DC
power stage for a 12 V
à 1 ... 3.3 V conversion:
FET driver + High side FET + Low side FET
• Raises the efficiency by reducing static and dynamic losses
beyond 85 % due to optimized MOSFETs and Driver
• Reduces overall part count and board space consumption
• Simplifies and shortens the circuit design and the layout
• Eliminates the need for external bootstrap components
• Provides simplest overall output current scalability
• Protects the Driver and the MOSFETs against over-
temperature and shoot-through problems Vcc
à Gnd
• Achieves the lowest thermal resistance Rthjc and Rthja
• Uses the well-known, easy-to-assemble and robust
standard TO-220 and TO-263 (D²Pak) package
• Requires no separate supply voltage to operate except 12 V
• Three state input to enable a shut down mode to turn off
both MOSFETs
• Compatible with standard 2-, 3-, 4-, 6-phase PWM controller
ICs
Ideal for compact, highly-efficient, multi-phase voltage
regulators on motherboards and VRMs
P-TO220-7-230


Similar Part No. - TDA21201-S7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21211 INFINEON-TDA21211 Datasheet
481Kb / 20P
   High-Performance DrMOS
August - 2009
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
TDA21220 INFINEON-TDA21220_13 Datasheet
811Kb / 29P
   High-Per formance DrMOS
Revision 2.5, 2013-01-07
TDA21231 INFINEON-TDA21231 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results

Similar Description - TDA21201-S7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5339 ONSEMI-NCP5339 Datasheet
272Kb / 13P
   Integrated Driver & MOSFETs
February, 2016 ??Rev. 1
NCP5369 ONSEMI-NCP5369_15 Datasheet
79Kb / 8P
   Integrated Driver and MOSFET
April, 2015 ??Rev. 5
NCP81381 ONSEMI-NCP81381 Datasheet
230Kb / 16P
   Integrated Driver and MOSFET
November, 2015 ??Rev. 1
NCP5369MNR2G ONSEMI-NCP5369MNR2G Datasheet
117Kb / 7P
   Integrated Driver and MOSFET
April, 2013 ??Rev. 4
NCP302055 ONSEMI-NCP302055 Datasheet
323Kb / 16P
   Integrated Driver and MOSFET
November, 2018 ??Rev. 0
NCP402045 ONSEMI-NCP402045 Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP81382 ONSEMI-NCP81382 Datasheet
255Kb / 16P
   Integrated Driver and MOSFET
February, 2016 ??Rev. 2
NCP302045 ONSEMI-NCP302045 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP302040 ONSEMI-NCP302040 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP252160 ONSEMI-NCP252160 Datasheet
881Kb / 18P
   Integrated Driver and MOSFET
July, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com