Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDK5100 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TDK5100
Description  ASK/FSK Transmitter 868/433 MHz
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDK5100 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TDK5100 Datasheet HTML 1Page - Infineon Technologies AG TDK5100 Datasheet HTML 2Page - Infineon Technologies AG TDK5100 Datasheet HTML 3Page - Infineon Technologies AG TDK5100 Datasheet HTML 4Page - Infineon Technologies AG TDK5100 Datasheet HTML 5Page - Infineon Technologies AG TDK5100 Datasheet HTML 6Page - Infineon Technologies AG TDK5100 Datasheet HTML 7Page - Infineon Technologies AG TDK5100 Datasheet HTML 8Page - Infineon Technologies AG TDK5100 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Product Info
Product Info
Wireless Components
Specification, October 2002
Package
TDK 5100
Product Info
General Description
The TDK 5100 is a single chip ASK/
FSK transmitter for the frequency
bands 433-435 and 868-870 MHz. The
IC offers a high level of integration and
needs only a few external components.
The device contains a fully integrated
PLL synthesizer and a high efficiency
power amplifier to drive a loop antenna.
A special circuit design and an unique
power amplifier design are used to
save current consumption and there-
fore to save battery life. Additionally
features like a power down mode, a low
power detect, a selectable crystal oscil-
lator frequency and a divided clock out-
put are implemented. The IC can be
used for both ASK and FSK modula-
tion.
Features
s
fully integrated frequency synthe-
sizer
s
VCO without external components
s
ASK and FSK modulation
s
switchable frequency range
433-435 MHz / 868-870 MHz
s
high efficiency power amplifier
(typically 5 dBm / 2 dBm)
s
low supply current (typically 7mA)
s
voltage supply range 2.1 - 4 V
s
temperature range
−40 ... +125°C
s
power down mode
s
low voltage sensor
s
selectable crystal oscillator
6.78 MHz / 13.56 MHz
s
programmable divided clock output
for µC
s
low external component count
Applications
s
Keyless entry systems
s
Remote control systems
s
Alarm systems
s
Communication systems
Ordering Information
Type
Ordering Code
Package
TDK 5100
Q67100-H2060
P-TSSOP-16
available on tape and reel


Similar Part No. - TDK5100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDK5100F INFINEON-TDK5100F Datasheet
503Kb / 35P
   434 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDK5100F INFINEON-TDK5100F Datasheet
1Mb / 39P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.2, April 2008
TDK5100F INFINEON-TDK5100F_08 Datasheet
1Mb / 39P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.2, April 2008
More results

Similar Description - TDK5100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
   ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
   ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
logo
ams AG
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
   ISM 433/315 MHz FSK/ASK Transmitter
logo
Melexis Microelectronic...
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
   868/915MHz FSK/ASK Transmitter
logo
ams AG
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Melexis Microelectronic...
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
   868/915MHz FSK/ASK Transmitter
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com