Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1R803GMT-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP1R803GMT-HF
Description  SO-8 Compatible with Heatsink
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP1R803GMT-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP1R803GMT-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP1R803GMT-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP1R803GMT-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP1R803GMT-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP1R803GMT-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
Simple Drive Requirement
BVDSS
30V
SO-8 Compatible with Heatsink
RDS(ON)
1.9mΩ
Low On-resistance
ID
170A
RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TC=25℃
W
PD@TA=25℃
W
EAS
Single Pulse Avalanche Energy
4
mJ
TSTG
TJ
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
1.5
℃/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
25
℃/W
Data & specifications subject to change without notice
AP1R803GMT-HF
5
Halogen-Free Product
170
Pulsed Drain Current
1
300
Parameter
Rating
Drain-Source Voltage
30
Thermal Data
Parameter
Gate-Source Voltage
+20
Drain Current, VGS @ 10V
3
43
Drain Current (Chip)
Drain Current, VGS @ 10V
3
34
201501064
Total Power Dissipation
83.3
1
Storage Temperature Range
Operating Junction Temperature Range
-55 to 150
-55 to 150
Total Power Dissipation
28.8
G
D
S
AP1R803 series are from Advanced Power innovated design and
silicon process technology to achieve the lowest possible on-
resistance and fast switching performance. It provides the designer
with an extreme efficient device for use in a wide range of power
applications.
The PMPAK
®
5x6 package is special for DC-DC converters
application and the foot print is compatible with SO-8 with backside
heat sink and lower profile.
S
S
S
G
PMPAK
®
®®
® 5x6
D
D
D
D


Similar Part No. - AP1R803GMT-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1R803GMT-HF A-POWER-AP1R803GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP1R803GMT-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP76T03AGMT-HF A-POWER-AP76T03AGMT-HF_16 Datasheet
64Kb / 5P
   SO-8 Compatible with Heatsink
AP2RA04GMT-HF A-POWER-AP2RA04GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP0503GMT-HF A-POWER-AP0503GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP0504GMT-HF A-POWER-AP0504GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP93T03AGMT-HF A-POWER-AP93T03AGMT-HF_16 Datasheet
68Kb / 5P
   SO-8 Compatible with Heatsink
AP92U03GMT-HF A-POWER-AP92U03GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP1RA03GMT-HF A-POWER-AP1RA03GMT-HF_16 Datasheet
53Kb / 5P
   SO-8 Compatible with Heatsink
AP9990GMT-HF A-POWER-AP9990GMT-HF_16 Datasheet
61Kb / 5P
   SO-8 Compatible with Heatsink
AP0704GMT-HF A-POWER-AP0704GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP0203GMT-HF A-POWER-AP0203GMT-HF_16 Datasheet
102Kb / 5P
   SO-8 Compatible with Heatsink
AP94T07GMT-HF A-POWER-AP94T07GMT-HF_16 Datasheet
50Kb / 5P
   SO-8 Compatible with Heatsink
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com