Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR5005 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # AR5005
Description  AUTOMOTIVE BUTTON DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

AR5005 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  AR5005 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. AR5005 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AR5005 THRU AR5010
50A, 50-1200V
AUTOMOTIVE BUTTON DIODE
FEATURES
. High surge capability
. High current capability
. Low leakage
High temperature soldering guaranteed: 250℃ for 10
seconds
MECHANICAL DATA
Case:Molded plastic case
Terminals:Plated terminals, solderable per
MIL-STD-202, method 208
Polarity:Color band denotes cathode end
Mounting Position: Any
Weight: 1.8 grams
CASE:RA OR AR
Dimension in inches (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ Ambient temp. unless otherwise specified.
Single phase, half sine wave, 60HZ,resistive or inductive load.
AR/RA
UNIT
SYMBOL
5005
501
502
504
506
508
5010
S
VRRM
50
100
200
400
600
800
1000 Volts
Maximum recurrent reverse voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum RMS voltage
VDC
50
100
200
400
600
800
1000 Volts
Maximum DC blocking voltage
I(AV)
50.0
Amps
Maximum average forward rectified current at
Tc=125℃
IFSM
500
Amps
Peak forward surge current single sine-wave on
rated load (JEDEC Method)
VF
1.0
Volts
Maximum instantaneous forward voltage drop at
50A
5.0
μA
Maximum DC reverse current
TA=25
IR
at rated DC blocking voltage
TA=125℃
200.0
R
θJA
1.0
℃/W
Typical thermal resistance
CJ
300
pF
Typical junction capacitance
TJ
-55 TO +150
Operating and Storage Temperature Range
TSTG
www.shunyegroup.com.cn
sales@shunyegroup.com.cn


Similar Part No. - AR5005

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
AR5000 EIC-AR5000 Datasheet
29Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR5000 EIC-AR5000 Datasheet
44Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
logo
Gaomi Xinghe Electronic...
AR5000 GXELECTRONICS-AR5000 Datasheet
508Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
logo
Yangzhou yangjie electr...
AR50005 YANGJIE-AR50005 Datasheet
749Kb / 2P
   50.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Nantong Hornby Electron...
AR50005 HORNBY-AR50005 Datasheet
229Kb / 3P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
More results

Similar Description - AR5005

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
AR3505 SHUNYE-AR3505 Datasheet
225Kb / 2P
   AUTOMOTIVE BUTTON DIODE
AR2505 SHUNYE-AR2505 Datasheet
214Kb / 2P
   AUTOMOTIVE BUTTON DIODE
RA7005 SY-RA7005 Datasheet
2Mb / 2P
   AUTOMOTIVE BUTTON DIODE
RA8005 SY-RA8005 Datasheet
112Kb / 2P
   AUTOMOTIVE BUTTON DIODE
logo
Won-Top Electronics
AR50A WTE-AR50A Datasheet
24Kb / 2P
   50A AUTOMOTIVE BUTTON DIODE
logo
Shanghai Shunye Electro...
ARL2505 SHUNYE-ARL2505 Datasheet
1Mb / 2P
   AUTOMOTIVE LEAD BUTTON DIODE
logo
Won-Top Electronics
AR35A WTE-AR35A_06 Datasheet
68Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
AR25A WTE-AR25A_06 Datasheet
68Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
AR35A WTE-AR35A Datasheet
52Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
logo
Nanjing International G...
ARS35G DGNJDZ-ARS35G Datasheet
3Mb / 3P
   35A AUTOMOTIVE BUTTON DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com