Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR254 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # AR254
Description  AUTOMOTIVE BUTTON DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

AR254 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  AR254 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. AR254 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AR2505 THRU AR2510
25A, 50-1200V
AUTOMOTIVE BUTTON DIODE
FEATURES
High surge capability
Low leakage
High current capability
High temperature soldering guaranteed:
250℃ for 10 seconds
MECHANICAL DATA
Case: AR/RA molded plastic
Terminals: Solder plated, solderable per MIL-STD-750 Method 2026
Polarity : indicated by cathode band
Mounting Position: Any
Weight: 1.8 grams (0.07ounce)
CASE: RA254 also Call RA254
CASE: AR OR RA
Dimension in inches (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
For capacitive load, derate current by 20%
AR/RA
SYMBO
L
UNITS
2505
251
252
254
256
258
2510
Volts
VRRM
50
100
200
400
600
800
1000
Maximum current Peak Reverse Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum RMS Voltage
VDC
50
100
200
400
600
800
1000 Volts
Maximum DC Blocking Voltage
TT=125℃
Amps
I(AV)
25
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms Single Half
IFSM
300
Amps
Sine-wave Superimposed on Rated Load (JEDEC
Method)
VF
1.0
Volts
Maximum Instantaneous Forward Voltage @ 25A
5.0
IR
uA
200.0
Maximum DC Reverse Current @ TA=25℃
at Rated DC Blocking Voltage @ TA=125℃
CJ
300
pF
Typical Junction Capacitance
RΘJA
1.0
℃/W
Typical Thermal Resistance
TJ /TSTG
-55 to +150
Operating AND Storage Temperature Range
www.shunyegroup.com.cn
sales@shunyegroup.com.cn


Similar Part No. - AR254

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
AR254 DAESAN-AR254 Datasheet
269Kb / 2P
   CURRENT 25.0 Amperes VOLTAGE 50 TO 1000 VOLTS
logo
Galaxy Semi-Conductor H...
AR254 BILIN-AR254 Datasheet
207Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
TAITRON Components Inco...
AR254 TAITRON-AR254 Datasheet
129Kb / 4P
   25A Automotive Rectifiers
logo
UNIOHM CORPORATION
AR254 UNIOHM-AR254 Datasheet
156Kb / 2P
   25.0 AMP SILICON RECTIFIERS
logo
MIC GROUP RECTIFIERS
AR254 MIC-AR254 Datasheet
39Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
More results

Similar Description - AR254

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
AR3505 SHUNYE-AR3505 Datasheet
225Kb / 2P
   AUTOMOTIVE BUTTON DIODE
AR5005 SHUNYE-AR5005 Datasheet
249Kb / 2P
   AUTOMOTIVE BUTTON DIODE
RA7005 SY-RA7005 Datasheet
2Mb / 2P
   AUTOMOTIVE BUTTON DIODE
RA8005 SY-RA8005 Datasheet
112Kb / 2P
   AUTOMOTIVE BUTTON DIODE
logo
Won-Top Electronics
AR50A WTE-AR50A Datasheet
24Kb / 2P
   50A AUTOMOTIVE BUTTON DIODE
logo
Shanghai Shunye Electro...
ARL2505 SHUNYE-ARL2505 Datasheet
1Mb / 2P
   AUTOMOTIVE LEAD BUTTON DIODE
logo
Won-Top Electronics
AR35A WTE-AR35A_06 Datasheet
68Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
AR25A WTE-AR25A_06 Datasheet
68Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
AR35A WTE-AR35A Datasheet
52Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
logo
Nanjing International G...
ARS35G DGNJDZ-ARS35G Datasheet
3Mb / 3P
   35A AUTOMOTIVE BUTTON DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com