Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4226G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4226G
Description  Intelligent Sixfold Low-Side Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4226G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4226G Datasheet HTML 1Page - Infineon Technologies AG TLE4226G Datasheet HTML 2Page - Infineon Technologies AG TLE4226G Datasheet HTML 3Page - Infineon Technologies AG TLE4226G Datasheet HTML 4Page - Infineon Technologies AG TLE4226G Datasheet HTML 5Page - Infineon Technologies AG TLE4226G Datasheet HTML 6Page - Infineon Technologies AG TLE4226G Datasheet HTML 7Page - Infineon Technologies AG TLE4226G Datasheet HTML 8Page - Infineon Technologies AG TLE4226G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TLE 4226 G
Data Sheet
5
2002-10-21
Circuit Description
Input Circuits
The control inputs and the preferred-state input consist of TTL-compatible Schmitt triggers with
hysteresis. Driven by these stages the buffer amplifiers convert the logic signal necessary for
driving the NPN power transistors.
Switching Stages
The output stages consist of NPN power transistors with open collectors. Each stage has its own
protective circuit for limiting power dissipation and shorted load current, which makes the outputs
shorted load protected to the supply voltage throughout the operating range. Integrated clamp-
diodes limit positive voltage spikes that occur when inductive loads are discharged. Output currents,
caused through negative voltages at the outputs, are compensated up to 50 mA for all outputs in
total.
Monitoring and Protective Functions
Each output is monitored (for overload) in its activated status. For the switches 1 to 4 overload is
detected, if the switches are activated and the output voltage at the transistor is higher than 4.1 V
for more than 10
µs. The concerned output will be shutdown and both status outputs will be set. The
switch can only be activated again if the corresponding input is switched off and then on again. If
the output voltage does not exide 4.1 V, the output is not shutdown and the status outputs are not
set, although an overload may occur. The switches 5 and 6 are protected through a SOA-circuit. It
is suppressed for at least 10
µs when the switch is turned on before it can start limiting the overload
current. The status outputs also monitor openload or shorted load to ground at the switches 5 and
6 in deactivated mode.
An analog signal is applied to the analog status output only when protection function is active. If
several malfunctions appear coincident, the highest voltage level of the analog status output will
dominate. Simultaniously the digital status output will be set.
The IC is also protected against thermal overload. If a chip temperature of typically 155 °C is
attained, the status outputs monitor overtemperature. If the temperature continues to increase, the
inputs and outputs of the switches 5 and 6 are shutdown. The switches 1 to 4 will not shutdown, so
precaution has to be taken in the application to prevent a further increase of the chiptemperature,
which may destroy the IC. After cooling down below 140 °C the overtemperature monitoring will be
reseted and the outputs of the switches 5 and 6 can be activated again.
If the minimum supply voltage for operation is not maintained, the outputs are deactivated. At a
supply voltage of higher than 1.8 V, the outputs 1 to 4 are switched on, if pin 14 (PREFST) is
connected to ground over a resistance smaller 1 M
Ω. The outputs 1 to 4 can be controlled via the
inputs, if pin 14 (PREFST) is switched to high or not connected. Characteristics may be beyond the
specified values. Full function is guaranteed in the supply voltage range of 5 V
± 5 %.


Similar Part No. - TLE4226G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4226G SIEMENS-TLE4226G Datasheet
269Kb / 15P
   Intelligent Sixfold Low-Side Switch
More results

Similar Description - TLE4226G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4216G SIEMENS-TLE4216G Datasheet
180Kb / 14P
   Intelligent Sixfold Low-Side Switch
TLE4226G SIEMENS-TLE4226G Datasheet
269Kb / 15P
   Intelligent Sixfold Low-Side Switch
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com