Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2402 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2402
Description  Monolithic Triple 3 nS CRT Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2402 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2402 Datasheet HTML 4Page - Texas Instruments LM2402 Datasheet HTML 5Page - Texas Instruments LM2402 Datasheet HTML 6Page - Texas Instruments LM2402 Datasheet HTML 7Page - Texas Instruments LM2402 Datasheet HTML 8Page - Texas Instruments LM2402 Datasheet HTML 9Page - Texas Instruments LM2402 Datasheet HTML 10Page - Texas Instruments LM2402 Datasheet HTML 11Page - Texas Instruments LM2402 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
OBSOLETE
LM2402
SNOS445B – AUGUST 1999 – REVISED APRIL 2013
www.ti.com
TI Demonstration Board
Figure 12 and Figure 13 show routing and component placement on the TI LM2202/2402 demonstration board.
The schematic of the board is shown in Figure 11. This board provides a good example of a layout that can be
used as a guide for future layouts. Note the location of the following components:
C47 - VCC bypass capacitor, located very close to pin 6 and ground pins. (Figure 13)
C49 - VBB bypass capacitor, located close to pin 10 and ground. (Figure 13)
C46 and C77 - VCC bypass capacitors, near LM2402 and VCC clamp diodes. Very important for arc protection.
(Figure 12)
The routing of the LM2402 outputs to the CRT is very critical to achieving optimum performance. Figure 14
shows the routing and component placement from pin 1 to the blue cathode. Note that the components are
placed so that they almost line up from the output pin of the LM2402 to the blue cathode pin of the CRT
connector. This is done to minimize the length of the video path between these two components. The direct
video path is shown in by a dark gray line through the components and the PCB traces. Note also that D24, D25,
R58 and D19 are placed to keep the size of the video nodes to a minimum (R58 is located under D19). This
minimizes parasitic capacitance in the video path and also enhances the effectiveness of the protection diodes.
The traces in the video nodes to these components are shown by the white line. The anode of protection diode
D25 is connected directly to the ground plane giving a short and direct path to the LM2402 ground pins. The
cathode of D24 is connected to VCC very close to decoupling capacitor C78 (See Figure 14) which is connected
to the same section of the ground plane as D25. The diode placement and routing is very important for
minimizing the voltage stress on the LM2402 during an arc-over event. Lastly, notice that S3 is placed very close
to the blue cathode and is tied directly to CRT ground.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2402


Similar Part No. - LM2402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
logo
Sharp Corporation
LM24022 SHARP-LM24022 Datasheet
18Kb / 1P
   Medium Size Graphic Type LCD Module(FA/POS/Measuring instruments)
logo
National Semiconductor ...
LM2402T NSC-LM2402T Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
More results

Similar Description - LM2402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2462 NSC-LM2462 Datasheet
1Mb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
LM2445 NSC-LM2445 Datasheet
758Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com