Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2450 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2450
Description  Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2450 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2450 Datasheet HTML 4Page - Texas Instruments LM2450 Datasheet HTML 5Page - Texas Instruments LM2450 Datasheet HTML 6Page - Texas Instruments LM2450 Datasheet HTML 7Page - Texas Instruments LM2450 Datasheet HTML 8Page - Texas Instruments LM2450 Datasheet HTML 9Page - Texas Instruments LM2450 Datasheet HTML 10Page - Texas Instruments LM2450 Datasheet HTML 11Page - Texas Instruments LM2450 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
OBSOLETE
15A§LM2450
SNOSAN6D – SEPTEMBER 2005 – REVISED APRIL 2013
www.ti.com
OPTIMIZING TRANSIENT RESPONSE
Referring to Figure 13, there are three components (R1, R2 and L1) that can be adjusted to optimize the
transient response of the application circuit. Increasing the values of R1 and R2 will slow the circuit down while
decreasing overshoot. Increasing the value of L1 will speed up the circuit as well as increase overshoot. It is very
important to use inductors with very high self-resonant frequencies, preferably above 300 MHz. Ferrite core
inductors from J.W. Miller Magnetics (part # 78FR--K) were used for optimizing the performance of the device in
the application board. The values shown in Figure 13 can be used as a good starting point for the evaluation of
the LM2450. Using a variable resistor for R1 will simplify finding the value needed for optimum performance in a
given application. Once the optimum value is determined the variable resistor can be replaced with a fixed value.
Due to arc over considerations it is recommended that the values shown in Figure 13 not be changed by a large
amount.
Figure 12 shows the typical cathode pulse response with an output swing of 130VPP inside a modified production
TV set using the LM1237 pre-amp.
PC BOARD LAYOUT CONSIDERATIONS
For optimum performance, an adequate ground plane, isolation between channels, good supply bypassing and
minimizing unwanted feedback are necessary. Also, the length of the signal traces from the signal inputs to the
LM2450 and from the LM2450 to the CRT cathode should be as short as possible. The following references are
recommended:
Ott, Henry W., “Noise Reduction Techniques in Electronic Systems”, John Wiley & Sons, New York, 1976.
“Video Amplifier Design for Computer Monitors”, Application Note 1013.
Pease, Robert A., “Troubleshooting Analog Circuits”, Butterworth-Heinemann, 1991.
Because of its high small signal bandwidth, the part may oscillate in a TV if feedback occurs around the video
channel through the chassis wiring. To prevent this, leads to the video amplifier input circuit should be shielded,
and input circuit wiring should be spaced as far as possible from output circuit wiring.
TYPICAL APPLICATION
A typical application of the LM2450 is shown in Figure 14. Used in conjunction with a pre-amp with a 1.2V black
level output no buffer transistors are required to obtain the correct black level at the cathodes. If the pre-amp has
a black level closer to 2V, then an NPN transistor should be used to drop the video black level voltage closer to
1.2V. When using only one NPN transistor as an emitter follower, a jumper needs to be added in each channel.
In the red channel a jumper needs to be added between C7 and R25. With just one transistor neither of these
components would be installed.
In addition to the video inputs are the DAC inputs. These inputs are used to vary the LM2450 output black level
by a DAC. in the past when a driver was used with a CMOS AVP there was not enough range on the video
output to vary the black level. A clamp circuit had to be used in conjunction with the AVP and the driver. The
DAC inputs of the LM2450 are driven in the same way the clamp circuit had been driven, eliminating the need for
a clamp circuit. Figure 4 shows the variation in the black level as the DAC input voltage is changed. This is
shown for both VIN = 1.2V and VIN = 2.1V.
The neck board in Figure 14 has two transistors in each channel enabling this board to work with pre-amps with
a black level output as high as 2.5V. Each transistor stage has a gain of
−1. This setup still gives the two diode
drop at the driver input; however, now additional peaking can be done on the video signal before reaching the
driver inputs. Some popular AVPs do have a black level of 2.5V. For lower black levels either one or both
transistors would not be used.
It is important that the TV designer use component values for the driver output stage close to the values shown
in Figure 14. These values have been selected to protect the LM2450 from arc over. Diodes D1,D8, D9, and
D13–D15 must also be used for proper arc over protection. The demonstration board can be used to evaluate
the LM2450 in a TV.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: 15A§LM2450


Similar Part No. - LM2450

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
More results

Similar Description - LM2450

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2451 TI1-LM2451 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
LM2452 NSC-LM2452 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 17 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
National Semiconductor ...
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com