Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2460 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2460
Description  Monolithic Triple Channel High Swing CRT Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2460 Datasheet(HTML) 1 Page - Texas Instruments

  LM2460 Datasheet HTML 1Page - Texas Instruments LM2460 Datasheet HTML 2Page - Texas Instruments LM2460 Datasheet HTML 3Page - Texas Instruments LM2460 Datasheet HTML 4Page - Texas Instruments LM2460 Datasheet HTML 5Page - Texas Instruments LM2460 Datasheet HTML 6Page - Texas Instruments LM2460 Datasheet HTML 7Page - Texas Instruments LM2460 Datasheet HTML 8Page - Texas Instruments LM2460 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
OBSOLETE
LM2460
www.ti.com
SNOSA92B – JUNE 2002 – REVISED APRIL 2013
LM2460 Monolithic Triple Channel High Swing CRT Driver
Check for Samples: LM2460
1
FEATURES
DESCRIPTION
The LM2460 is an integrated high voltage CRT driver
2
0V to 5V Input Range
circuit designed for use in high brightness monitor
Capable of Up To a 70 Vp-p Output Swing
applications.
The
IC
contains
three
high
input
Stable With 0–20 pF Capacitive Loads and
impedance, wide band amplifiers which directly drive
Inductive Peaking Networks
the RGB cathodes of a CRT. Each channel has its
gain internally set to
−30 and can drive CRT
Convenient TO-220 Staggered Lead Package
capacitive loads as well as resistive loads present in
Style
other application, limited only by the package’s power
Matched to LM126X/3X/4X Pre-Amplifier
dissipation.
Families
The IC is packaged in an industry standard 9 lead
TO-220 molded plastic package.
APPLICATIONS
High Brightness CRT Monitors
SCHEMATIC AND CONNECTION DIAGRAMS
Figure 1. Simplified Schematic Diagram
Figure 2. See Package Number TO-220 (Top View)
(One Channel)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2460

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2460 NSC-LM2460 Datasheet
951Kb / 11P
   Monolithic Triple Channel High Swing CRT Driver
LM2460TA NSC-LM2460TA Datasheet
951Kb / 11P
   Monolithic Triple Channel High Swing CRT Driver
More results

Similar Description - LM2460

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2460 NSC-LM2460 Datasheet
951Kb / 11P
   Monolithic Triple Channel High Swing CRT Driver
logo
Texas Instruments
LM2470 TI1-LM2470 Datasheet
943Kb / 13P
[Old version datasheet]   Monolithic Triple 7.0 ns High Swing CRT Driver
logo
National Semiconductor ...
LM2471 NSC-LM2471 Datasheet
663Kb / 10P
   Monolithic Triple 4 ns High Swing CRT Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com