Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54F74LM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F74LM
Description  Dual D-Type Positive Edge-Triggered Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F74LM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54F74LM Datasheet HTML 1Page - National Semiconductor (TI) 54F74LM Datasheet HTML 2Page - National Semiconductor (TI) 54F74LM Datasheet HTML 3Page - National Semiconductor (TI) 54F74LM Datasheet HTML 4Page - National Semiconductor (TI) 54F74LM Datasheet HTML 5Page - National Semiconductor (TI) 54F74LM Datasheet HTML 6Page - National Semiconductor (TI) 54F74LM Datasheet HTML 7Page - National Semiconductor (TI) 54F74LM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagrams
Pin Assignment
for DIP SOIC and Flatpak
TLF9469 – 1
Pin Assignment
for LCC
TLF9469 – 2
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
D1 D2
Data Inputs
1010
20 mA b06 mA
CP1 CP2
Clock Pulse Inputs (Active Rising Edge)
1010
20 mA b06 mA
CD1 CD2
Direct Clear Inputs (Active LOW)
1030
20 mA b18 mA
SD1 SD2
Direct Set Inputs (Active LOW)
1030
20 mA b18 mA
Q1 Q1 Q2 Q2
Outputs
50333
b
1 mA20 mA
Truth Table
Inputs
Outputs
SD
CD
CP
D
Q
Q
LH
X
X
H
L
HL
X
X
L
H
LL
X
X
H
H
HH
L
hH
L
HH
L
lL
H
HH
L
X
Q0
Q0
H (h) e HIGH Voltage Level
L (l) e LOW Voltage Level
X e Immaterial
Q0 e Previous Q (Q) before LOW-to-HIGH Clock Transition
Lower case letters indicate the state of the referenced input or output one
setup time prior to the LOW-to-HIGH clock transition
Logic Diagram
TLF9469 – 5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2


Similar Part No. - 54F74LM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F779 NSC-54F779 Datasheet
176Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results

Similar Description - 54F74LM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Unisonic Technologies
U74AC74 UTC-U74AC74_15 Datasheet
170Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Texas Instruments
SN74LVC2G80 TI1-SN74LVC2G80_16 Datasheet
888Kb / 18P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com