Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1691A Datasheet(PDF) 3 Page - Texas Instruments

Part # DS1691A
Description  Line Drivers with TRI-STATE Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS1691A Datasheet(HTML) 3 Page - Texas Instruments

  DS1691A Datasheet HTML 1Page - Texas Instruments DS1691A Datasheet HTML 2Page - Texas Instruments DS1691A Datasheet HTML 3Page - Texas Instruments DS1691A Datasheet HTML 4Page - Texas Instruments DS1691A Datasheet HTML 5Page - Texas Instruments DS1691A Datasheet HTML 6Page - Texas Instruments DS1691A Datasheet HTML 7Page - Texas Instruments DS1691A Datasheet HTML 8Page - Texas Instruments DS1691A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS1691A, DS3691
www.ti.com
SNLS357E – JULY 1998 – REVISED APRIL 2013
DC Electrical Characteristics
(1) (2) (3) (4)
Parameter
Test Conditions
Min
Typ
Max
Units
RS-422 CONNECTION, VEE CONNECTION TO GROUND, MODE SELECT ≤ 0.8V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
0.8
V
IIH
High Level Input Current
VIN = 2.4V
1
40
μA
VIN ≤ 15V
10
100
μA
IIL
Low Level Input Current
VIN = 0.4V
−30
−200
μA
VI
Input Clamp Voltage
I IN = −12 mA
−1.5
V
VO
Differential Output Voltage
VIN = 2V
3.6
6.0
V
RL = ∞
VO
VA,B
VIN = 0.8V
−3.6
−6.0
V
VT
Differential Output Voltage
RL = 100Ω
VIN = 2V
2
2.4
V
VT
VA,B
VCC ≥ 4.75V
VIN = 0.8V
−2
−2.4
V
VOS, VOS
Common-Mode Offset Voltage
RL = 100Ω
2.5
3
V
|VT| − | VT |
Difference in Differential Output Voltage
RL = 100Ω
0.05
0.4
V
|VOS| − | VOS |
Difference in Common-Mode Offset Voltage
RL = 100Ω
0.05
0.4
V
VSS
|VT − VT |
R L = 100Ω, VCC ≥ 4.75V
4.0
4.8
V
VCMR
Output Voltage Common-Mode Range
VDISABLE = 2.4V
±10
V
IXA
Output Leakage Current
VCC = 0V
VCMR = 10V
100
μA
IXB
Power OFF
VCMR = −10V
−100
μA
IOX
TRI-STATE Output Current
VCC = Max
VCMR ≤ 10V
100
μA
VEE = 0V and −5V
VCMR ≥ −10V
−100
μA
ISA
Output Short Circuit Current
VIN = 0.4V
VOA = 6V
80
150
mA
VOB = 0V
−80
−150
mA
ISB
Output Short Circuit Current
VIN = 2.4V
VOA = 0V
−80
−150
mA
VOB = 6V
80
150
mA
ICC
Supply Current
18
30
mA
(1)
Unless otherwise specified, min/max limits apply across the
−55°C to +125°C temperature range for the DS1691A and across the 0°C to
+70°C range for the DS3691. All typicals are given for V CC = 5V and TA = 25°C. VCC and VEE as listed in operating conditions.
(2)
All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to ground unless
otherwise specified.
(3)
Only one output at a time should be shorted.
(4)
Symbols and definitions correspond to EIA RS-422 and/or RS-423 where applicable.
AC Electrical Characteristics
(1)
TA = 25°C
Parameter
Test Conditions
Min
Typ
Max
Units
RS-422 CONNECTION, VCC = 5V, MODE SELECT = 0.8V
tr
Output Rise Time
RL = 100Ω, CL = 500 pF Figure 3
120
200
ns
tf
Output Fall Time
RL = 100Ω, CL = 500 pF Figure 3
120
200
ns
tPDH
Output Propagation Delay
RL = 100Ω, CL = 500 pF Figure 3
120
200
ns
tPDL
Output Propagation Delay
RL = 100Ω, CL = 500 pF Figure 3
120
200
ns
tPZL
TRI-STATE Delay
RL = 450Ω, CL = 500 pF, CC = 0 pF Figure 6
250
350
ns
tPZH
TRI-STATE Delay
RL = 450Ω, CL = 500 pF, CC = 0 pF Figure 6
180
300
ns
tPLZ
TRI-STATE Delay
RL = 450Ω, CL = 500 pF, CC = 0 pF Figure 6
180
300
ns
tPHZ
TRI-STATE Delay
RL = 450Ω, CL = 500 pF, CC = 0 pF Figure 6
250
350
ns
(1)
Symbols and definitions correspond to EIA RS-422 and/or RS-423 where applicable.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS1691A DS3691


Similar Part No. - DS1691A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1691A NSC-DS1691A Datasheet
275Kb / 10P
   (RS-422/RS-423) Line Drivers with TRI-STATE Outputs
DS1691AJ/883 NSC-DS1691AJ/883 Datasheet
275Kb / 10P
   (RS-422/RS-423) Line Drivers with TRI-STATE Outputs
More results

Similar Description - DS1691A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F240DM NSC-54F240DM Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
54ACT240DMQB NSC-54ACT240DMQB Datasheet
18Kb / 6P
   Octal Buffers/Line Drivers With TRI-State Outputs
54ACQ244 NSC-54ACQ244 Datasheet
29Kb / 7P
   Octal Buffers/Line Drivers With TRI-State Outputs
MM54C941 NSC-MM54C941 Datasheet
136Kb / 6P
   Octal Buffers/Line Receivers/ Line Drivers with TRI-STATE Outputs
MM54C240 NSC-MM54C240 Datasheet
142Kb / 6P
   Octal Buffers and Line Drivers with TRI-STATE Outputs
logo
Texas Instruments
54F240 TI1-54F240 Datasheet
439Kb / 12P
[Old version datasheet]   Octal Buffers/Line Drivers with TRI-STATE(RM) Outputs
logo
National Semiconductor ...
DS1691A NSC-DS1691A Datasheet
275Kb / 10P
   (RS-422/RS-423) Line Drivers with TRI-STATE Outputs
DS1692 NSC-DS1692 Datasheet
139Kb / 6P
   TRI-STATE Differential Line Drivers
SCAN18540T NSC-SCAN18540T Datasheet
152Kb / 14P
   Inverting Line Driver with TRI-STATE Outputs
DM74S940 NSC-DM74S940 Datasheet
117Kb / 2P
   TRI-STATE Buffers/Line Drivers/Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com