Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGTH60TS65 Datasheet(PDF) 9 Page - Rohm

Part # TGTH60TS65
Description  650V 30A Field Stop Trench IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TGTH60TS65 Datasheet(HTML) 9 Page - Rohm

Back Button TGTH60TS65 Datasheet HTML 2Page - Rohm TGTH60TS65 Datasheet HTML 3Page - Rohm TGTH60TS65 Datasheet HTML 4Page - Rohm TGTH60TS65 Datasheet HTML 5Page - Rohm TGTH60TS65 Datasheet HTML 6Page - Rohm TGTH60TS65 Datasheet HTML 7Page - Rohm TGTH60TS65 Datasheet HTML 8Page - Rohm TGTH60TS65 Datasheet HTML 9Page - Rohm TGTH60TS65 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGTH60TS65
lInductive Load Switching Circuit and Waveform
VG
D.U.T.
Fig.18 Inductive Load Circuit
Gate Drive Time
t
off
t
f
t
d(off)
t
d(on)
t
r
10%
90%
V
CE(sat)
10%
90%
t
on
V
GE
I
C
V
CE
Fig.19 Inductive Load Waveform
9/9
2014.05 - Rev.B


Similar Description - TGTH60TS65

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTH60TK65D ROHM-RGTH60TK65D Datasheet
885Kb / 13P
   650V 30A Field Stop Trench IGBT
RGTH60TK65 ROHM-RGTH60TK65 Datasheet
743Kb / 11P
   650V 30A Field Stop Trench IGBT
RGTH60TS65D ROHM-RGTH60TS65D Datasheet
731Kb / 12P
   650V 30A Field Stop Trench IGBT
RGT60TS65D ROHM-RGT60TS65D Datasheet
731Kb / 12P
   650V 30A Field Stop Trench IGBT
RGCL60TK60 ROHM-RGCL60TK60 Datasheet
759Kb / 11P
   650V 30A Field Stop Trench IGBT
RGTV60TS65D ROHM-RGTV60TS65D Datasheet
1Mb / 13P
   650V 30A Field Stop Trench IGBT
RGS60TS65D ROHM-RGS60TS65D Datasheet
901Kb / 13P
   650V 30A Field Stop Trench IGBT
RGTV60TS65 ROHM-RGTV60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTV60TK65 ROHM-RGTV60TK65 Datasheet
1Mb / 10P
   650V 30A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com